Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS85RS1MTY Datasheet(PDF) 9 Page - RAMXEED LIMITED

Part # MS85RS1MTY
Description  1M (128K X 8) Bit SPI
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MS85RS1MTY Datasheet(HTML) 9 Page - RAMXEED LIMITED

Back Button MS85RS1MTY Datasheet HTML 5Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 6Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 7Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 8Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 9Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 10Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 11Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 12Page - RAMXEED LIMITED MS85RS1MTY Datasheet HTML 13Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
MS85RS1MTY(AEC-Q100 Compliant)
DS501-00096-1v0-E
9
READ
The READ command reads FeRAM memory cell array data. Arbitrary 24 bits address and op-code of READ
are input to SI. The 7-bit upper address is invalid.Then, 8-cycle clock is input to SCK. SO is output synchro-
nously to the falling edge of SCK. While reading, the SI value is invalid. When CS is risen, the READ command
is completed, but keeps on reading with automatic address increment which is enabled by continuously
sending clocks to SCK in unit of 8 cycles before CS rising. When it reaches the most significant address, it
rolls over to the starting address, and reading cycle keeps on infinitely.
WRITE
The WRITE command writes data to FeRAM memory cell array. WRITE op-code, arbitrary 24 bits of address
and 8 bits of writing data are input to SI. The 7-bit upper address is invalid.When 8 bits of writing data is
input, data is written to FeRAM memory cell array. Risen CS will terminate the WRITE command, but if you
continue sending the writing data for 8 bits each before CS rising, it is possible to continue writing with
automatic address increment. When it reaches the most significant address, it rolls over to the starting
address, and writing cycle can be continued infinitely.
FSTRD
The FSTRD command reads FeRAM memory cell array data.Arbitrary 24bits address and op-code of FSTRD
are input to SI followed by 8 bits dummy. The 7-bit upper address is invalid.Then, 8-cycle clock is input to
SCK. SO is output synchronously to the falling edge of SCK. While reading, the SI value is invalid. When
CS is risen, the FSTRD command is completed, but keeps on reading with automatic address increment
which is enabled by continuously sending clocks to SCK in unit of 8 cycles before CS rising. When it reaches
the most significant address, it rolls over to the starting address, and reading cycle keeps on infinitely.
SO
SCK
SI
CS
00
0
0X
1X
X
MSB
7
6
5
4
3
2
1
0
Data Out
MSB
High-Z
LSB
420
1
Invalid
13
12
11
10
9
8
33
32
31
30
29
28
27
26
39
38
37
36
35
34
00
1
X
X
X
3
5
Invalid
LSB
20
1
3
64
5
7
X16
14 15
OP-CODE
24-bit Address
SO
SCK
SI
CS
00
0
0X
1
XX
MSB
7
6
5
4
3
2
1
0
Data In
MSB
High-Z
LSB
420
1
13
12
11
10
9
8
33
32
31
30
29
28
27
26
39
38
37
36
35
34
00
0
X
X
X
3
5
LSB
20
1
3
64
5
7
X16
14 15
OP-CODE
CS
SCK
SI
Invalid
MSB
LSB
MSB
Data Out
LSB
High-Z
Invalid
45
0123
29 30
6 7 8 9 10 11 12 13 1415
46 47
31 32
38 39 40 41 42 43 44 45
00001011
6
X
210 X
XX
SO
7
XX
0
543
33
X
21
XX
XX 16
OP-CODE
24-bit Address
8-bit Dummy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com