Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28056CDBVT Datasheet(PDF) 16 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 12Page - Texas Instruments UCC28056CDBVT Datasheet HTML 13Page - Texas Instruments UCC28056CDBVT Datasheet HTML 14Page - Texas Instruments UCC28056CDBVT Datasheet HTML 15Page - Texas Instruments UCC28056CDBVT Datasheet HTML 16Page - Texas Instruments UCC28056CDBVT Datasheet HTML 17Page - Texas Instruments UCC28056CDBVT Datasheet HTML 18Page - Texas Instruments UCC28056CDBVT Datasheet HTML 19Page - Texas Instruments UCC28056CDBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
u
InMinPkL
InMax
InEqMin
V
P
2 R
u
u G
BST
InEq
ON
ONDCH
2 L
R
T
T
T
T
T u G
T
T
T
u
T u
T
u
LPkS
ON
DCH
ON
ONDCH
In
LAvS
In
PER
BST
InEq
I
T
T
T
V
I
V
2
T
2 L
R
u BST
InEq
ON
2 L
R
T
T
T
T
T
D u
u
LPkS
ON
In
LAvS
In
BST
InEq
I
T
V
I
V
2
2 L
R
ILPkS( )
ILPkS( )
IL( , t)
IL( , t)
ILAvS( )
ILAvS( )
CrM Operation
DCM Operation
TON( )
TDCH( )
TPER( )
TON( )
TDCH( )
TPER( )
TDCM
16
UCC28056
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 CrM/DCM Control Principle
Figure 19. PFC Inductor Current Waveform for CrM and DCM Operation
Consider a single switching cycle that occurs at angle (θ) during the Line Cycle. Assuming ideal CrM operation
the average inductor current (ILAvS(θ)) that flows during the switching cycle is given by:
(1)
A fixed circuit has constant inductance (LBST), so if the switch ON duration (TON(θ)) holds constant (TON) , across
the Line Cycle, then the average input current remains proportional to the input voltage. In other words, when
controlled in this way, the Boost converter behaves as a resistive load (RInEq) connected across the Line.
(2)
the next step is to consider DCM operation. Equation 3 describes the average inductor current that flows during
the switching cycle.
(3)
To ensure average input current proportional to input voltage it is necessary for the on-time product TON(θ) x
δONDCH(θ) is kept constant across the Line Cycle. Equation 4 shows the equivalent input resistance.
(4)
The minimum effective input resistance (RInEqMin) is needed to draw maximum power (PInMax) from minimum Line
voltage (VInMinPkL):
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com