Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28056CDBVT Datasheet(PDF) 38 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 38 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 34Page - Texas Instruments UCC28056CDBVT Datasheet HTML 35Page - Texas Instruments UCC28056CDBVT Datasheet HTML 36Page - Texas Instruments UCC28056CDBVT Datasheet HTML 37Page - Texas Instruments UCC28056CDBVT Datasheet HTML 38Page - Texas Instruments UCC28056CDBVT Datasheet HTML 39Page - Texas Instruments UCC28056CDBVT Datasheet HTML 40Page - Texas Instruments UCC28056CDBVT Datasheet HTML 41Page - Texas Instruments UCC28056CDBVT Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
u
:
ZCBoRise
ZC3
ZCBias
V
R
1%
30 k
I
38
UCC28056
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
CH1 = VDS
CH2 = VDR
CH3 = VCO
CH3 = VZC
Figure 28. Amplitude VZC < (VDS/401). Reduce CZC2
Capacitance
CH1 = VDS
CH2 = VDR
CH3 = VCO
CH3 = VZC
Figure 29. Amplitude VZC = (VDS/401). Correct CZC2
Capacitance
CH1 = VDS
CH2 = VDR
CH3 = VCO
CH3 = VZC
Figure 30. Amplitude VZC > (VDS/401). Increase CZC2 Capacitance
9.2.2.3.1
Voltage Spikes on the ZCD/CS pin Waveform
Voltage offset on the ZCD/CS pin is likely to result from high-amplitude switching edge spikes on the waveform
applied to this pin. These switching edge spikes are clamped by any non-linear controller, such as the internal
ESD structures, and upset the DC operating point of the divider. This can be observed as a voltage offset on the
ZCD/CS pin signal, particularly at times when rate of change of current is highest (high load around the Line
voltage peaks). When designing the ZCD/CS pin divider, prevent it from picking up switching edge spikes. Use of
a low inductance type current sense resistor is also important for the same reason. If necessary an RC filter, with
a time constant of approximately 30 ns, may be added between the voltage divider and the ZCD/CS pin to
attenuate switching edge spikes. Ensure the capacitance (CZC3) of this filter is small relative to the value of CZC2.
Limit the error introduced by the R-C filter to less than 1%, by ensuring that the series resistance is below the
value calculated in Equation 67.
(67)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com