Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28056CDBVT Datasheet(PDF) 20 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 16Page - Texas Instruments UCC28056CDBVT Datasheet HTML 17Page - Texas Instruments UCC28056CDBVT Datasheet HTML 18Page - Texas Instruments UCC28056CDBVT Datasheet HTML 19Page - Texas Instruments UCC28056CDBVT Datasheet HTML 20Page - Texas Instruments UCC28056CDBVT Datasheet HTML 21Page - Texas Instruments UCC28056CDBVT Datasheet HTML 22Page - Texas Instruments UCC28056CDBVT Datasheet HTML 23Page - Texas Instruments UCC28056CDBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
VOSReg
+
Stopb
D
Q
>CLK
R
Ovp2Fltb
TONb
6
CCO
CCO1
RCO
GND
1
COMP
VOSNS
GND
GND
VCOClmp
RCODisch
20
UCC28056
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Feature Description (continued)
After entering its RDGRdb state, the controller waits for TDGSmpl before reading the pin voltage. To ensure that
the controller consistently detects the external resistance value correctly, do not allow the total external
capacitance connected between the DRV and GND pins to exceed 12 nF.
8.3.4 Transconductance Amplifier with Transient Speed-up Function
The voltage error amplifier is a transconductance amplifier. Voltage loop compensation connects from the error
amplifier output, COMP, to ground. The recommended type-2 compensation network is shown in . For loop-
stability purposes, the controller calculates the compensation network values based on small-signal perturbations
of the output voltage using the nominal transconductance gain gM.
Figure 22. Transconductance Error Amplifier with Typical Compensation Network
To improve the transient response to large perturbations, the error amplifier gain increases by a factor of six
times (6×) when the error amplifier input deviates more than ±3% from the nominal regulation voltage, VOSReg.
This increase allows faster charging and discharging of the compensation components to recover from step
changes in load current.
8.3.5 Faults and Protections
The UCC28056 includes a comprehensive set of protection features to ensure safer and more robust operation
during all operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com