Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28056CDBVT Datasheet(PDF) 37 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 37 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 33Page - Texas Instruments UCC28056CDBVT Datasheet HTML 34Page - Texas Instruments UCC28056CDBVT Datasheet HTML 35Page - Texas Instruments UCC28056CDBVT Datasheet HTML 36Page - Texas Instruments UCC28056CDBVT Datasheet HTML 37Page - Texas Instruments UCC28056CDBVT Datasheet HTML 38Page - Texas Instruments UCC28056CDBVT Datasheet HTML 39Page - Texas Instruments UCC28056CDBVT Datasheet HTML 40Page - Texas Instruments UCC28056CDBVT Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
u
ZC2
ZC
ZC1
C
K
C
4.01nF
ZC1
C
10 pF
u
2
InRMSMax
ZCMax
ZC1
ZC2
V
2
P
14 mW
R
R
:
ZC1
ZC2
ZC
R
R
24.3 k
K
1
u
:
:
ZC1
R
3
3.24 M
9.72 M
u
u
u
u
d
:
ZC
ZCBoRise
ZC1
ZCBias
Err%
K
V
1%
2
85V
R
12.0 M
I
100nA
37
UCC28056
www.ti.com
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Equation 61 calculates the maximum value of RZC1 c, allowing a budget of 1% error due to input bias current
(IZCBias), on the lowest voltage threshold (VZCBoRise).
(61)
The upper resistor in the divider chain (RZC1) must withstand the peak output voltage under a surge test. For a
rugged solution, the resistor(s) in this location must have a voltage rating above the avalanche rating of the
Boost MOSFET. This design uses a series chain of three 1206, SMT, 3.24 M
Ω resistors for this location, which
yields DC voltage withstand capability above 600 V.
(62)
(63)
Use Equation 60 to calculate the power dissipation in the ZCD/CS pin divider resistors.
(64)
Once arranged on the PCB, the resistor divider circuit has some parasitic capacitance across both the upper
(RZC1) and lower (RZC2) resistors. Experience suggests a parasitic capacitance (CZC1) of approximately 0.1 pF
across resistor RZC1, when it is made up of three 1206 SMT components, assuming a compact PCB layout. In
theory this parasitic capacitance could be used to form the entire value of CZC1 and an appropriate value of CZC2
added to achieve the ratio required by Equation 56. In practice most designers choose to add an explicit
capacitor in this location to improve tolerance to small changes in layout, such as may occur when connecting
oscilloscope probes. Ensure the time constant for the divider does not extend over many switching cycles. This
limitation ensures that Line surge or system ESD transient events may disturb the ZCD/CS pin DC level but does
not persist over an excessive number of switching cycles.
Select a single 10-pF, 1000-V, 0805 SMT capacitor with 5% tolerance.
(65)
Use Equation 66 calculate the lower divider capacitor value.
(66)
In practice, once the final PCB layout is complete, adjust the lower capacitor value to account for parasitic
capacitances present on the PCB. Consider both the Drain and ZCD/CS pin waveforms and adjust the lower
capacitance value (CZC2) until the value allows the required ratio in signal amplitude. Use a low capacitance
probe for the ZCD/CS pin connection. Figure 28, Figure 29 and Figure 30 present the type of waveforms that
occur during this tuning process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com