Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28056CDBVT Datasheet(PDF) 42 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 42 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 38Page - Texas Instruments UCC28056CDBVT Datasheet HTML 39Page - Texas Instruments UCC28056CDBVT Datasheet HTML 40Page - Texas Instruments UCC28056CDBVT Datasheet HTML 41Page - Texas Instruments UCC28056CDBVT Datasheet HTML 42Page - Texas Instruments UCC28056CDBVT Datasheet HTML 43Page - Texas Instruments UCC28056CDBVT Datasheet HTML 44Page - Texas Instruments UCC28056CDBVT Datasheet HTML 45Page - Texas Instruments UCC28056CDBVT Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
Frequency (Hz)
0.1 0.2
0.5
1
2 3 4 5 7 10 2030 50 100 200
500 1000
-75
-50
-25
0
25
50
75
d001
Gain_Plant
Gain_Ctrl
Gain_Loop
Frequency (Hz)
0.1 0.2
0.5
1
2 3 4 5 7 10 2030 50 100 200
500 1000
-180
-150
-120
-90
-60
-30
0
d002
Phase_Plant
Phase_Ctrl
Phase_Loop
u
:
u S u
CO
Z
CO
1
1
R
220 k
2
f
C
u
P
P
Z
CO
CO1
P
f
f
C
C
0.49
F
f
u
u
u
OSRe g
Z
CO1
M
P
Ctrl0
Out Re g
V
f
1
C
g
25 nF
f
G
V
u
P
B
f
f
K
30.0 Hz
B
Z
f
f
1.48 Hz
K
u
u
u
u S
B
Plant0
Ctrl0
1
f
G
G
K
6.66 Hz
2
u S u
u
u S u
Plant
B
Ctrl
B
G
j2
f
G
j2
f
1
u
u S u
Ctrl0
Line
2
0.0202
G
4
f
0.624 Hz
K
42
UCC28056
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
where
•
2 x fLine >> fP
•
2 x fLine >> fZ
(99)
Equation 100 describes unity at the gain cross-over frequency.
(100)
Equation 100 can also be expressed as shown in Equation 101.
(101)
Calculate the pole and zero frequencies using Equation 92 and Equation 93. Then determine the compensation
component values using Equation 89, Equation 90 and Equation 91.
(102)
(103)
(104)
(105)
(106)
Figure 31. Gain vs Frequency
Figure 32. Phase vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com