Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28056CDBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 9Page - Texas Instruments UCC28056CDBVT Datasheet HTML 10Page - Texas Instruments UCC28056CDBVT Datasheet HTML 11Page - Texas Instruments UCC28056CDBVT Datasheet HTML 12Page - Texas Instruments UCC28056CDBVT Datasheet HTML 13Page - Texas Instruments UCC28056CDBVT Datasheet HTML 14Page - Texas Instruments UCC28056CDBVT Datasheet HTML 15Page - Texas Instruments UCC28056CDBVT Datasheet HTML 16Page - Texas Instruments UCC28056CDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
12
12.1
12.2
12.3
12.4
12.5
12.6
12.7
12.8
12.9
13
13.1
13.2
d001
COMP (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
30
35
40
45
50
55
d001
TDCM(GFF0)
TDCM(GFF1)
TDCM(GFF2)
TDCM(GFF3)
TDCM(GFF4)
TDCM(GFF5)
TDCM(GFF6)
TDCM(GFF7)
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0.95
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
1.04
1.05
D003
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0.95
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
1.04
1.05
D004
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
d001
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0.95
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
1.04
1.05
D002
13
UCC28056
www.ti.com
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
It is Normalized respect its value at 25°C
Figure 13. Burst Mode Rising Threshold vs Temperature
Figure 14. ZCD Timeout vs Temperature
It is Normalized respect its value at 25°C
Figure 15. VOSNS OVP1 Rising Threshold vs Temperature
It is Normalized respect its value at 25°C
Figure 16. VOSNS OVP1 Falling Threshold vs Temperature
Figure 17. TON Max vs Temperature
Figure 18. TDCM vs COMP Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com