Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28056CDBVT Datasheet(PDF) 25 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 25 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 21Page - Texas Instruments UCC28056CDBVT Datasheet HTML 22Page - Texas Instruments UCC28056CDBVT Datasheet HTML 23Page - Texas Instruments UCC28056CDBVT Datasheet HTML 24Page - Texas Instruments UCC28056CDBVT Datasheet HTML 25Page - Texas Instruments UCC28056CDBVT Datasheet HTML 26Page - Texas Instruments UCC28056CDBVT Datasheet HTML 27Page - Texas Instruments UCC28056CDBVT Datasheet HTML 28Page - Texas Instruments UCC28056CDBVT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
BstOffb
BstRunbn +Ovp1Fltb
BstRunb & Ovp1Fltbn
Faultbn
Fstopb
IinitTOb
SSCntb = 4
SSCntb=1
SoftOFFb
SoftONb
Runb
Stopb
RDGRdb
25
UCC28056
www.ti.com
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.4 Controller Functional Modes
8.4.1 Burst Mode Operation
The UCC28056 controller provides leading light-load efficiency and standby power by implementing Burst mode
of operation with the following key features:
1. Power during burst is controlled to be approximately 11% of maximum output power for UCC28056/C and
16% of maximum power for UCC28056A/B for all Line voltage levels.
2. During the Burst OFF period, the current consumption of UCC28056 drops to less than 132 μA.
3. The TON pulse width is ramped up over the first four cycles, and ramped down over the last four cycles of
each Burst-on period. This Soft-ON/OFF scheme ramps the Line current at the edge of each Burst ON
period to limit audible noise and disturbance of the EMI filter.
Two comparator thresholds applied to the COMP pin voltage provide Burst Mode Operation. Switching halts after
four soft-OFF cycles when the COMP pin voltage falls below the VBstFall threshold. Switching resumes with four
Soft-ON cycles, when the COMP pin voltage rises above the VBstRise threshold. The average voltage of these two
thresholds represents approximately 11% VCOMaxfor UCC28056/C and 16% VCOMax for UCC28056A/B. The
power delivered during Burst ON is approximately 11% of maximum input power for UCC28056/C.
Figure 25. Fault and Burst Mode State Diagram
8.4.2 Soft Start
During Stopb state operation, an internal resistor (RCODisch) is connected between the COMP and GND pins to
discharge the external compensation network. Start-up transitions through the BstOffb state and switching
commence only after the COMP pin voltage rises above the VBstRise threshold. Switching therefore always starts
with the power demand at 12.5% of its maximum value. The Soft-ON feature ensures that the on-time period
ramps up over the first four switching cycles to the demanded value. These features limit audible noise at start-
up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com