Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28056CDBVT Datasheet(PDF) 18 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 14Page - Texas Instruments UCC28056CDBVT Datasheet HTML 15Page - Texas Instruments UCC28056CDBVT Datasheet HTML 16Page - Texas Instruments UCC28056CDBVT Datasheet HTML 17Page - Texas Instruments UCC28056CDBVT Datasheet HTML 18Page - Texas Instruments UCC28056CDBVT Datasheet HTML 19Page - Texas Instruments UCC28056CDBVT Datasheet HTML 20Page - Texas Instruments UCC28056CDBVT Datasheet HTML 21Page - Texas Instruments UCC28056CDBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
Line Voltage (RMS)
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
270
280
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
D001
Line Voltage Rising
Line Voltage Falling
§
·
¨
¸
©
¹
2
InMinPkL
FF
InPkL
V
G
V
18
UCC28056
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Line Voltage Feed-Forward
The controller applies Line Voltage Feed-Forward to the COMP pin voltage (VCO) before it computes the TON and
TDCM durations. This sequence ensures that COMP voltage represents input power regardless of Line voltage
and ensures that Burst operation occurs at the same level of output power for all Line voltages. It also ensures
fixed gain between the COMP pin voltage and input power simplifying compensation of the voltage control loop.
(11)
For ease of computation, UCC28056 employs seven discrete GFF levels, the most appropriate value being
selected by a series of comparators monitoring the peak input voltage level. Hysteresis is built into each
comparator to avoid repetitive changes in the selected GFF value and the step change in Line current that would
result. The comparator thresholds and GFF levels are selected to ensure that the demand to input power gain
(PIn/VCO) does not vary by more than ±20% over the full Universal Line voltage range (between 90 and 264
VRMS).
8.3.2.1 Peak Line Voltage Detection
UCC28056 internally reconstructs the input voltage waveform for the purpose of Peak Line voltage sensing and
Zero Current Detection (ZCD). In DCM or CrM mode the cycle average voltage across the Boost inductor must
be zero. UCC28056 generates an internal representation of input voltage by extracting the Drain waveform from
the ZCD/CS pin waveform and filtering it to extract the average Drain voltage across a switching cycle (VInSyn(θ))
The digital peak detector selects the value of GFF based upon the highest comparator threshold crossed over the
period THLinMax . The switch to a higher GFF value is implemented as soon as the corresponding threshold is
crossed. The switch to a lower GFF value is only implemented once the period THLinMax expires and the peak
detector has captured the Line voltage peak. The THLinMax timer is not synchronized to the Line operating
frequency.
Prior to the start of switching operation, at power - up or after a Burst - OFF period, the ZCD/CS pin voltage is
sampled and used to select the appropriate starting GFF level. This method assumes that the input rectifier and
capacitor after the rectifier bridge have captured the peak Line voltage during the period of no switching.
Figure 20. Normalized Gain vs Line Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com