Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28056CDBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 7Page - Texas Instruments UCC28056CDBVT Datasheet HTML 8Page - Texas Instruments UCC28056CDBVT Datasheet HTML 9Page - Texas Instruments UCC28056CDBVT Datasheet HTML 10Page - Texas Instruments UCC28056CDBVT Datasheet HTML 11Page - Texas Instruments UCC28056CDBVT Datasheet HTML 12Page - Texas Instruments UCC28056CDBVT Datasheet HTML 13Page - Texas Instruments UCC28056CDBVT Datasheet HTML 14Page - Texas Instruments UCC28056CDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.075
0.08
0.085
0.09
0.095
0.1
0.105
0.11
0.115
0.12
d000
VCC = 12V
VCC = 25V
VCC = 33V
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.092
0.096
0.1
0.104
0.108
0.112
0.116
0.12
0.124
0.128
0.132
d000
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
1.8
1.82
1.84
1.86
1.88
1.9
1.92
1.94
1.96
1.98
2
d000
d000
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.025
0.026
0.027
0.028
0.029
0.03
0.031
0.032
0.033
d000
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
10
10.1
10.2
10.3
10.4
10.5
10.6
10.7
10.8
10.9
11
d000
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
8.5
8.55
8.6
8.65
8.7
8.75
8.8
8.85
8.9
8.95
9
9.05
9.1
9.15
9.2
d000
11
UCC28056
www.ti.com
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
7.6 Typical Characteristics
Figure 1. VCCStart Threshold vs Temperature
Figure 2. VCCStop Threshold vs Temperature
Figure 3. VCC Hysteresis vs Temperature
Figure 4. VCC Startup Current vs Temperature
Figure 5. VCC Fault Current vs Temperature
Figure 6. VCC Burst Off Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com