Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28056CDBVT Datasheet(PDF) 34 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 34 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 30Page - Texas Instruments UCC28056CDBVT Datasheet HTML 31Page - Texas Instruments UCC28056CDBVT Datasheet HTML 32Page - Texas Instruments UCC28056CDBVT Datasheet HTML 33Page - Texas Instruments UCC28056CDBVT Datasheet HTML 34Page - Texas Instruments UCC28056CDBVT Datasheet HTML 35Page - Texas Instruments UCC28056CDBVT Datasheet HTML 36Page - Texas Instruments UCC28056CDBVT Datasheet HTML 37Page - Texas Instruments UCC28056CDBVT Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
§
·
u ¨
¸
¨
¸
©
¹
2
2
OutMax
COutRMSHF
DioRMSMax
Out Re g
P
3
I
I
1.15 A
2
V
u
OutMax
COutRMSLF
Out Re g
P
1
I
0.3 A
V
2
§
·
¨
¸
¨
¸
©
¹
2
2
OutMax
COutRMSMax
DioRMSMax
Out Re g
P
I
I
1.19 A
V
'
u
Outpp
Out Re g
OSRe g
V
2 DSuThs
5.4%
V
V
t
P
P
Out
165W
C
115
F
W
1.43
F
t
u S u
u
u
P
2
OutMax
Line
Out Re g
Out
P
W
2
f
V
3%
1.43
C
F
'
u
u S u
u
Out
Outpp
Out
Line
Out Re g
P
1
V
C
2
f
V
T
u
u
u
T
2
In
InRMS
InRMS
P
2
V
I
sin
34
UCC28056
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
9.2.2.2.4
Output Capacitor Selection
Power drawn by the PFC stage from the Line supply may be represented by the following expression.
(39)
Assuming a typical application, with constant load power, for some parts of the Line cycle excess power is drawn
from the supply and stored in the output capacitor. In other parts of the Line cycle load power exceeds input
power and this deficit must be supplied from the output capacitor. This process of energy transfer to an from the
output capacitor necessarily results in twice Line frequency output voltage ripple. The amplitude of this twice Line
frequency ripple depends only upon the ratio POut/COut and the Line frequency.
(40)
Choose an output capacitor value by prioritizing one of a number of application requirements:
•
Twice Line frequency output ripple voltage at maximum load.
•
Output voltage hold-up time after the Line supply has been disconnected.
•
Output voltage deviation as a result of a transient load step.
For this design example assume that the twice Line frequency output ripple voltage amplitude is less than 3% of
its regulation level. The POutMax/COut ratio required to achieve this can be calculated using Equation 41
(41)
Use Equation 42 to calculate the required capacitance value for this 165-W example design.
(42)
For best Line current total harmonic distortion (THD), the maximum output voltage ripple amplitude must satisfy
the condition presented in Equation 43. Satisfying this condition ensures that the error amplifier non-linear gain
does not activate due to extremes of the output voltage ripple.
(43)
Use Equation 44 to calculate the maximum RMS ripple current flowing in the output capacitor.
(44)
This current flowing into the output capacitor includes a switching frequency component (ICOutRMSHF) and a twice
Line frequency ripple component (ICOutRMSLF).
(45)
(46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com