Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28056CDBVT Datasheet(PDF) 29 Page - Texas Instruments

Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 29 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 25Page - Texas Instruments UCC28056CDBVT Datasheet HTML 26Page - Texas Instruments UCC28056CDBVT Datasheet HTML 27Page - Texas Instruments UCC28056CDBVT Datasheet HTML 28Page - Texas Instruments UCC28056CDBVT Datasheet HTML 29Page - Texas Instruments UCC28056CDBVT Datasheet HTML 30Page - Texas Instruments UCC28056CDBVT Datasheet HTML 31Page - Texas Instruments UCC28056CDBVT Datasheet HTML 32Page - Texas Instruments UCC28056CDBVT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
u
P
u
2
InRMSMin
ONMAX0
BST0
OutMax
V
T
L
255
H
110%
P
2
u
2
InRMSMin
InMax
OutMax
InEqMin
V
P
110% P
R
u
u
BST
InEqMin1
ONMAX0
FF1
2 L
R
T
G
u BST
InEqMin0
ONMAX0
2 L
R
T
29
UCC28056
www.ti.com
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
9.2.1 Design Requirements
For this design example, use the parameters listed in the table below as the input parameters.
Table 1. System Design Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
AC Voltage range
85
265
VAC
AC Voltage frequency
47
63
Hz
OUTPUT CHARACTERISTICS
Output Power, POutMax
85 VAC to 265 VAC
165
W
9.2.2 Detailed Design Procedure
9.2.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the UCC28056 controller with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters (efficiency, footprint,cost) using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
•
Run electrical simulations to see important waveforms and circuit performance
•
Run thermal simulations to understand board thermal performance
•
Export customized schematic and layout into popular CAD formats
•
Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
9.2.2.2 Power Stage Design
The first step in the power stage design is to calculate the PFC inductor value needed to achieve the
specification, then the ratings for all other power components can be computed.
9.2.2.2.1
Boost Inductor Design
The minimum equivalent resistance presented, to the Line, by the input of the Boost PFC stage changes
according to the current Line Feed-Forward setting. RInEqMin0 and RInEqMin1 present the minimum equivalent input
resistance for the first two Line Feed-Forward levels.
(13)
(14)
Equation 15 calculates the maximum input power that can be drawn from a given Line voltage. The maximum
input power is set to 110% of POutMax to account for power stage efficiency.
(15)
Equation 16 calculates the Boost inductance value required to ensure that maximum load can be delivered from
minimum Line voltage.
(16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com