Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138 Datasheet(PDF) 17 Page - Texas Instruments

Part # UCD3138
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138 Datasheet(HTML) 17 Page - Texas Instruments

Back Button UCD3138 Datasheet HTML 13Page - Texas Instruments UCD3138 Datasheet HTML 14Page - Texas Instruments UCD3138 Datasheet HTML 15Page - Texas Instruments UCD3138 Datasheet HTML 16Page - Texas Instruments UCD3138 Datasheet HTML 17Page - Texas Instruments UCD3138 Datasheet HTML 18Page - Texas Instruments UCD3138 Datasheet HTML 19Page - Texas Instruments UCD3138 Datasheet HTML 20Page - Texas Instruments UCD3138 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 99 page
background image
8.5 Electrical Characteristics (continued)
V33A = V33D = V33DIO = 3.3 V; 1 μF from BP18 to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VTEMP
Voltage range of sensor
1.46
2.44
V
Voltage resolution
V/°C
5.9
mV/°C
Temperature resolution
°C per bit
0.1034
°C/LSB
Accuracy(6) (7)
–40°C to 125°C
–10
±5
10
°C
Temperature range
–40°C to 125°C
–40
125
°C
ITEMP
Current draw of sensor when active
30
μA
TON
Turn on time / settling time of sensor
100
μs
VAMB
Ambient temperature
Trimmed 25°C reading
1.85
V
ANALOG COMPARATOR
DAC
Reference DAC Range
0
2.5
V
Reference Voltage
2.478
2.5
2.513
V
Bits
7
bits
INL(6)
–0.42
0.21
LSB
DNL(6)
0.06
0.12
LSB
Offset
–5.5
19.5
mV
Time to disable DPWM output based on
0 V to 2.5 V step input on the analog
comparator.(1)
150
ns
Reference DAC buffered output load(8)
0.5
1
mA
Buffer offset (–0.5 mA)
4.6
8.3
mV
Buffer offset (1.0 mA)
–0.05
17
mV
(1)
As designed and characterized. Not 100% tested in production.
(2)
DPWM outputs are low after reset. Other GPIO pins are configured as inputs after reset.
(3)
On the 40-pin package V33DIO is connected to V33D internally.
(4)
The maximum total current, IOHmax and IOLmax for all outputs combined, should not exceed 12 mA to hold the maximum voltage
drop specified. Maximum sink current per pin = –6 mA at VOL; maximum source current per pin = 6 mA at VOH.
(5)
Time from close of error ADC sample window to time when digitally calculated control effort (duty cycle) is available. This delay, which
has no variation associated with it, must be accounted for when calculating the system dynamic response.
(6)
Characterized by design and not production tested.
(7)
Ambient temperature offset value should be used from the TEMPSENCTRL register to meet accuracy.
(8)
Available from reference DACs for comparators D, E, F, and G.
8.6 Timing and Switching Characteristics
The timing characteristics and timing diagram for the communications interface that supports I2C, SMBus, and
PMBus in Slave or Master mode are shown in PMBus/SMBus/I2C Timing, I2C/SMBus/PMBus Timing Diagram,
and Bus Timing in Extended Mode. The numbers in PMBus/SMBus/I2C Timing arµe for 400 kHz operating
frequency. However, the device supports all three speeds, standard (100 kHz), fast (400 kHz), and fast mode
plus (1 MHz).
Table 8-1. PMBus/SMBus/I2C Timing
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Typical values at TA = 25°C and VCC = 3.3 V (unless otherwise noted)
fSMB
SMBus/PMBus operating frequency
Slave mode, SMBC 50% duty cycle
100 1000
kHz
fI2C
I2C operating frequency
Slave mode, SCL 50% duty cycle
100 1000
kHz
t(BUF)
Bus free time between start and stop
1.3
µs
t(HD:STA)
Hold time after (repeated) start(1)
0.6
µs
t(SU:STA)
Repeated start setup time(1)
0.6
µs
t(SU:STO)
Stop setup time(1)
0.6
µs
t(HD:DAT)
Data hold time
Receive mode
0
ns
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com