Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138 Datasheet(PDF) 29 Page - Texas Instruments

Part # UCD3138
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138 Datasheet(HTML) 29 Page - Texas Instruments

Back Button UCD3138 Datasheet HTML 25Page - Texas Instruments UCD3138 Datasheet HTML 26Page - Texas Instruments UCD3138 Datasheet HTML 27Page - Texas Instruments UCD3138 Datasheet HTML 28Page - Texas Instruments UCD3138 Datasheet HTML 29Page - Texas Instruments UCD3138 Datasheet HTML 30Page - Texas Instruments UCD3138 Datasheet HTML 31Page - Texas Instruments UCD3138 Datasheet HTML 32Page - Texas Instruments UCD3138 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 99 page
background image
9.4.3 System Management (SYS)
The SYS unit contains the software access protection by configuring user privilege levels to memory or
peripherals modules. It contains the ability to generate fault or reset conditions on decoding of illegal address or
access conditions. A clock control setup for the processor clock (MCLK) speed, is also available.
9.4.4 Central Interrupt Module (CIM)
The CIM accepts 32 interrupt requests for meeting firmware timing requirements. The ARM processor supports
two interrupt levels: FIQ and IRQ. FIQ is the highest priority interrupt. The CIM provides hardware expansion of
interrupts by use of FIQ/IRQ vector registers for providing the offset index in a vector table. This numerical index
value indicates the highest precedence channel with a pending interrupt and is used to locate the interrupt vector
address from the interrupt vector table. Interrupt channel 0 has the lowest precedence and interrupt channel 31
has the highest precedence. To remove the interrupt request, the firmware should clear the request as the first
action in the interrupt service routine. The request channels are maskable, allowing individual channels to be
selectively disabled or enabled.
Table 9-4. Interrupt Priority Table
NAME
MODULE COMPONENT OR
REGISTER
DESCRIPTION
PRIORITY
BRN_OUT_INT
Brownout
Brownout interrupt
0 (lowest)
EXT_INT
External interrupts
Interrupt on external input pin
1
WDRST_INT
Watchdog control
Interrupt from watchdog exceeded (reset)
2
WDWAKE_INT
Watchdog control
Wakeup interrupt when watchdog equals half of set
watch time
3
SCI_ERR_INT
UART or SCI control
UART or SCI error Interrupt. Frame, parity or overrun
4
SCI_RX_0_INT
UART or SCI control
UART0 RX buffer has a byte
5
SCI_TX_0_INT
UART or SCI control
UART0 TX buffer empty
6
SCI_RX_1_INT
UART or SCI control
UART1 RX buffer has a byte
7
SCI_TX_1_INT
UART or SCI control
UART1 TX buffer empty
8
PMBUS_INT
PMBus related interrupt
9
DIG_COMP_INT
12-bit ADC control
Digital comparator interrupt
10
FE0_INT
Front End 0
“Prebias complete”, “Ramp Delay Complete”, “Ramp
Complete”, “Load Step Detected”,
“Over-Voltage Detected”, “EADC saturated”
11
FE1_INT
Front End 1
“Prebias complete”, “Ramp Delay Complete”, “Ramp
Complete”, “Load Step Detected”,
“Over-Voltage Detected”, “EADC saturated”
12
FE2_INT
Front End 2
“Prebias complete”, “Ramp Delay Complete”, “Ramp
Complete”, “Load Step Detected”,
“Over-Voltage Detected”, “EADC saturated”
13
PWM3_INT
16-bit timer PWM 3
16-bit Timer PWM3 counter overflow or compare interrupt
14
PWM2_INT
16-bit timer PWM 2
16-bit Timer PWM2 counter Overflow or compare
interrupt
15
PWM1_INT
16-bit timer PWM 1
16-bit Timer PWM1 counter overflow or compare interrupt
16
PWM0_INT
16-bit timer PWM 0
16-bit Timer PWM1 counter overflow or compare interrupt
17
OVF24_INT
24-bit timer control
24-bit Timer counter overflow interrupt
18
CAPTURE_1_INT
24-bit timer control
24-bit Timer capture 1 interrupt
19
COMP_1_INT
24-bit timer control
24-bit Timer compare 1 interrupt
20
CAPTURE_0_INT
24-bit timer control
24-bit Timer capture 0 interrupt
21
COMP_0_INT
24-bit timer control
24-bit Timer compare 0 interrupt
22
CPCC_INT
Constant power constant current
Mode switched in CPCC module Flag needs to be read
for details
23
ADC_CONV_INT
12-bit ADC control
ADC end of conversion interrupt
24
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com