Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138 Datasheet(PDF) 14 Page - Texas Instruments

Part # UCD3138
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138 Datasheet(HTML) 14 Page - Texas Instruments

Back Button UCD3138 Datasheet HTML 10Page - Texas Instruments UCD3138 Datasheet HTML 11Page - Texas Instruments UCD3138 Datasheet HTML 12Page - Texas Instruments UCD3138 Datasheet HTML 13Page - Texas Instruments UCD3138 Datasheet HTML 14Page - Texas Instruments UCD3138 Datasheet HTML 15Page - Texas Instruments UCD3138 Datasheet HTML 16Page - Texas Instruments UCD3138 Datasheet HTML 17Page - Texas Instruments UCD3138 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 99 page
background image
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
V33D
V33D to DGND
–0.3
3.8
V
V33DIO
V33DIO to DGND
–0.3
3.8
V
V33A
V33A to AGND
–0.3
3.8
V
BP18
BP18 to DGND
–0.3
2.5
V
|DGND – AGND|
Ground difference
0.3
V
All pins, excluding
AGND(2)
Voltage applied to any pin
–0.3
3.8
V
TJ
Junction temperature
–40
150
°C
Tstg
Storage temperature
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Referenced to DGND
8.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V33D
Digital power
3.0
3.3
3.6
V
V33DIO
Digital I/O power
3.0
3.3
3.6
V33A
Analog power
3.0
3.3
3.6
V
TJ
Junction temperature
–40
125
°C
BP18
1.8-V digital power
1.6
1.8
2.0
V
8.4 Thermal Information
THERMAL METRIC(1)
UCD3138
UCD3138
UCD3138
UCD3138
UNIT
64 PIN QFN
(RGC)
40 PIN QFN
(RHA)
40 PIN QFN
(RMH)
40 PIN QFN
(RJA)
RθJA
Junction-to-ambient thermal resistance
25.1
31.8
31.0
30.1
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
10.5
18.5
16.5
13.5
°C/W
RθJB
Junction-to-board thermal resistance
4.6
6.8
6.3
4.9
°C/W
ψJT
Junction-to-top characterization parameter
0.2
0.2
0.2
0.2
°C/W
ψJB
Junction-to-board characterization parameter
4.6
6.7
6.3
4.8
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
1.2
1.8
1.1
0.7
°C/W
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics application
report.
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com