Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138 Datasheet(PDF) 47 Page - Texas Instruments

Part # UCD3138
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138 Datasheet(HTML) 47 Page - Texas Instruments

Back Button UCD3138 Datasheet HTML 43Page - Texas Instruments UCD3138 Datasheet HTML 44Page - Texas Instruments UCD3138 Datasheet HTML 45Page - Texas Instruments UCD3138 Datasheet HTML 46Page - Texas Instruments UCD3138 Datasheet HTML 47Page - Texas Instruments UCD3138 Datasheet HTML 48Page - Texas Instruments UCD3138 Datasheet HTML 49Page - Texas Instruments UCD3138 Datasheet HTML 50Page - Texas Instruments UCD3138 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 99 page
background image
BIT
PIN_NAME
PIN NUMBER
UCD3138-64
PIN
UCD3138-40 PIN
4
DPWM2A
21
15
3
DPWM1B
20
14
2
DPWM1A
19
13
1
DPWM0B
18
12
0
DPWM0A
17
11
9.5.10 Temperature Sensor Control
Temperature sensor control register provides internal temperature sensor enabling and trimming capabilities.
The internal temperature sensor is disabled as default.
Temperature
Sensor
Ch14
ADC 12
Temp Cal
Figure 9-15. Internal Temp Sensor
Temperature sensor is calibrated at room temperature (25 °C) via a calibration register value.
The temperature sensor is measured using ADC12 (via Ch14). The temperature is then calculated using a
mathematical formula involving the calibration register (this effectively adds a delta to the ADC measurement).
The temperature sensor can be enabled or disabled.
9.5.11 I/O Mux Control
In different packages of UCD3138 several I/O functions are multiplexed and routed toward a single physical
pin. I/O Mux Control register may be used in order to choose a single specific functionality that is desired to be
assigned to a physical device pin for your application.
9.5.12 Current Sharing Control
UCD3138 provides three separate modes of current sharing operation.
• Analog bus current sharing
• PWM bus current sharing
• Master/Slave current sharing
• AD02 has a special ESD protection mechanism that prevents the pin from pulling down the current-share bus
if power is missing from the UCD3138
The simplified current sharing circuitry is shown in the drawing below:
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com