Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138 Datasheet(PDF) 46 Page - Texas Instruments

Part # UCD3138
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138 Datasheet(HTML) 46 Page - Texas Instruments

Back Button UCD3138 Datasheet HTML 42Page - Texas Instruments UCD3138 Datasheet HTML 43Page - Texas Instruments UCD3138 Datasheet HTML 44Page - Texas Instruments UCD3138 Datasheet HTML 45Page - Texas Instruments UCD3138 Datasheet HTML 46Page - Texas Instruments UCD3138 Datasheet HTML 47Page - Texas Instruments UCD3138 Datasheet HTML 48Page - Texas Instruments UCD3138 Datasheet HTML 49Page - Texas Instruments UCD3138 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 99 page
background image
2. Through the distributed control registers in the specific peripheral that shares it pins with the standard GPIO
functionality.
The Global I/O registers offer full control of:
1. Configuring each pin as a GPIO.
2. Setting each pin as input or output.
3. Reading the pin’s logic state, if it is configured as an input pin.
4. Setting the logic state of the pin, if it is configured as an output pin.
5. Configuring pin/pins as open drain or push-pull (Normal)
The Global I/O registers include Global I/O EN register, Global I/O OE Register, Global I/O Open Drain Control
Register, Global I/O Value Register and Global I/O Read Register.
The following is showing the format of Global I/O EN Register (GLBIOEN) as an example:
BIT NUMBER
29:0
Bit Name
GLOBAL_IO_EN
Access
R/W
Default
00_0000_0000_0000_0000_0000_0000_0000
Bits 29-0: GLOBAL_IO_EN – This register enables the global control of digital I/O pins
0 = Control of IO is done by the functional block assigned to the IO (Default)
1 = Control of IO is done by Global IO registers.
BIT
PIN_NAME
PIN NUMBER
UCD3138-64
PIN
UCD3138-40 PIN
29
FAULT[3]
43
NA
28
ADC_EXT_TRIG
12, 26
8
27
TCK
37
21
26
TDO
38
20
25
TMS
40
24
24
TDI
39
23
23
SCI_TX[1]
29
NA
22
SCI_TX[0]
14
22
21
SCI_RX[1]
30
NA
20
SCI_RX[0]
13
23
19
TMR_CAP
12, 26, 41
8, 21
18
TMR_PWM[1]
32
NA
17
TMR_PWM[0]
12, 26, 31, 37
21
16
PMBUS-CLK
15
9
15
PMBUS-DATA
16
10
14
CONTROL
30
20
13
ALERT
29
19
12
EXT_INT
26, 34
NA
11
FAULT[2]
42
25
10
FAULT[1]
36
23
9
FAULT[0]
35, 39
22
8
SYNC
12, 26,37
8, 21
7
DPWM3B
24
18
6
DPWM3A
23
17
5
DPWM2B
22
16
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
46
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com