Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138 Datasheet(PDF) 19 Page - Texas Instruments

Part # UCD3138
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138 Datasheet(HTML) 19 Page - Texas Instruments

Back Button UCD3138 Datasheet HTML 15Page - Texas Instruments UCD3138 Datasheet HTML 16Page - Texas Instruments UCD3138 Datasheet HTML 17Page - Texas Instruments UCD3138 Datasheet HTML 18Page - Texas Instruments UCD3138 Datasheet HTML 19Page - Texas Instruments UCD3138 Datasheet HTML 20Page - Texas Instruments UCD3138 Datasheet HTML 21Page - Texas Instruments UCD3138 Datasheet HTML 22Page - Texas Instruments UCD3138 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 99 page
background image
8.7 Power Supply Sequencing
TPOR
undefined
V33D
IReset
3.3 V
TPOR
VGH
VGL
Vres
t
t
Brown Out
Figure 8-3. Power-On Reset (POR) and Brown-Out Reset (BOR)
Table 8-2. Power-On Reset (POR) and Brown-Out Reset (BOR) Term Definitions
TERM
DEFINITION
VGH
This is the V33D threshold where the internal power is declared good. The UCD3138 comes out of reset when above
this threshold.
VGL
This is the V33D threshold where the internal power is declared bad. The device goes into reset when below this
threshold.
Vres
This is the V33D threshold where the internal reset signal is no longer valid. Below this threshold the device is in an
indeterminate state.
IReset
This is the internal reset signal. When low, the device is held in reset. This is equivalent to holding the reset pin on
the IC high.
TPOR
The time delay from when VGH is exceeded to when the device comes out of reset.
Brown out
This is the V33D voltage threshold at which the device sets the brown out status bit. In addition an interrupt can be
triggered if enabled.
8.8 Peripherals
8.8.1 Digital Power Peripherals (DPPs)
At the core of the UCD3138 controller are three DDPs. Each DPP can be configured to drive from one to eight
DPWM outputs. Each DPP consists of:
• Differential input error ADC (EADC) with sophisticated controls
• Hardware accelerated digital 2-pole/2-zero PID based compensator
• Digital PWM module with support for a variety of topologies
These can be connected in many different combinations, with multiple filters and DPWMs. They are capable of
supporting functions like input voltage feed forward, current mode control, and constant current/constant power,
and so forth. The simplest configuration is shown in the following figure:
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com