Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138 Datasheet(PDF) 11 Page - Texas Instruments

Part # UCD3138
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCD3138 Datasheet HTML 7Page - Texas Instruments UCD3138 Datasheet HTML 8Page - Texas Instruments UCD3138 Datasheet HTML 9Page - Texas Instruments UCD3138 Datasheet HTML 10Page - Texas Instruments UCD3138 Datasheet HTML 11Page - Texas Instruments UCD3138 Datasheet HTML 12Page - Texas Instruments UCD3138 Datasheet HTML 13Page - Texas Instruments UCD3138 Datasheet HTML 14Page - Texas Instruments UCD3138 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
AGND
AD13
AD06
AD04
AD03
DGND
/RESET
ADC_EXT_TRIG/TCAP/SYNC/PWM0
PMBUS_CLK/SCI_TX0
PMBUS_DATA/SCI_RX0
AGND
BP18
DGND
V33D
TMS
TDI/SCI_RX0/PMBUS_CTRL/FAULT1
TDO/SCI_TX0/PMBUS_ALERT/FAULT0
TCK/TCAP/SYNC/PWM0
FAULT2
AGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
UCD3138RJA
(40 QFN)
NOTE: The RJA package has thicker package height compared to the RMH package. There are also four corner pins on the RJA
package. These features help to improve solder-joint reliability. The corner anchor pins and thermal pad should be soldered for robust
mechanical performance and should be tied to the appropriate ground signal.
Figure 7-4. UCD3138RJA 40 QFN With Corner Anchors Pin Attributes
7.1 UCD3138RGC 64 QFN Pin Attributes
Table 7-1. UCD3138RGC 64 QFN Pin Attributes
PIN NO.
NAME
PRIMARY ASSIGNMENT
ALTERNATE ASSIGNMENT
CONFIGURABLE
AS A GPIO?
NO. 1
NO. 2
NO. 3
1
AGND
Analog ground
2
AD13
12-bit ADC, Ch 13, comparator E, I-share
DAC output
3
AD12
12-bit ADC, Ch 12
4
AD10
12-bit ADC, Ch 10
5
AD07
12-bit ADC, Ch 7, Connected to comparator F and
reference to comparator G
DAC output
6
AD06
12-bit ADC, Ch 6, Connected to comparator F
DAC output
7
AD04
12-bit ADC, Ch 4, Connected to comparator D
DAC output
8
AD03
12-bit ADC, Ch 3, Connected to comparator B and C
9
V33DIO
Digital I/O 3.3V core supply
10
DGND
Digital ground
11
RESET
Device Reset Input, active low
12
ADC_EXT_TRIG
ADC conversion external trigger input
TCAP
SYNC
PWM0
Yes
13
SCI_RX0
SCI RX 0
Yes
14
SCI_TX0
SCI TX 0
Yes
15
PMBUS_CLK
PMBUS Clock (Open Drain)
SCI TX 0
Yes
16
PMBUS_DATA
PMBus data (Open Drain)
SCI RX 0
Yes
17
DPWM0A
DPWM 0A output
Yes
18
DPWM0B
DPWM 0B output
Yes
19
DPWM1A
DPWM 1A output
Yes
20
DPWM1B
DPWM 1B output
Yes
21
DPWM2A
DPWM 2A output
Yes
22
DPWM2B
DPWM 2B output
Yes
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com