Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138 Datasheet(PDF) 60 Page - Texas Instruments

Part # UCD3138
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138 Datasheet(HTML) 60 Page - Texas Instruments

Back Button UCD3138 Datasheet HTML 56Page - Texas Instruments UCD3138 Datasheet HTML 57Page - Texas Instruments UCD3138 Datasheet HTML 58Page - Texas Instruments UCD3138 Datasheet HTML 59Page - Texas Instruments UCD3138 Datasheet HTML 60Page - Texas Instruments UCD3138 Datasheet HTML 61Page - Texas Instruments UCD3138 Datasheet HTML 62Page - Texas Instruments UCD3138 Datasheet HTML 63Page - Texas Instruments UCD3138 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 99 page
background image
Here is an overview of the key PSFB signals:
3 A – QB1
( DPWM1C )
3 B – QT1
( DPWM2 C)
2 B – QB2
( EDGEGEN )
2 A – QT 2
( EDGEGEN)
0 B –
QSYN 2,4
1 B –
QSYN 1 ,3
Transformer
Voltage
X1
X3
X2
Y3
Y1
Y2
X1 , X2 , X 3 and Y1 , Y2 , Y 3
are sets of moving edges
All other edges are fixed .
DPWM 2 AF
DPWM 2 BF
DPWM3 AF
DPWM3 BF
Current
Peak Level
Figure 10-3. Key PSFB Signals
10.2.2.3 DPWM Synchronization
DPWM1 is synchronized to DPWM0, DPWM2 is synchronized to DPWM1, and DPWM3 is synchronized to
DPWM2, ½ period out of phase using these commands:
Dpwm1Regs.DPWMCTRL0.bit.MSYNC_SLAVE_EN = 1; //configured to slave
Dpwm2Regs.DPWMCTRL0.bit.MSYNC_SLAVE_EN = 1; // configured to slave
Dpwm3Regs.DPWMCTRL0.bit.MSYNC_SLAVE_EN = 1; // configured to slave
Dpwm0Regs.DPWMPHASETRIG.all = PWM_SLAVESYNC;
Dpwm1Regs.DPWMPHASETRIG.all = PWM_SLAVESYNC;
Dpwm2Regs.DPWMPHASETRIG.all = PWM_SLAVESYNC;
LoopMuxRegs.DPWMMUX.bit.DPWM1_SYNC_SEL = 0;
LoopMuxRegs.DPWMMUX.bit.DPWM2_SYNC_SEL = 1;
LoopMuxRegs.DPWMMUX.bit.DPWM3_SYNC_SEL = 2;
// Slave to dpwm-0
// Slave to dpwm-1
// Slave to dpwm-2
If the event registers on the DPWMs are the same, the two pairs of signals will be symmetrical. All code
examples are taken from the PSFB EVM code, unless otherwise stated.
10.2.2.4 Fixed Signals to Bridge
The two top signals in the above drawing have fixed timing. The DPWM1CF and DPWM2CF signals are used for
these pins. DPWMCxF refers to the signal coming out of the fault module of DPWMx, as shown inFigure 10-4.
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
60
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com