Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138 Datasheet(PDF) 22 Page - Texas Instruments

Part # UCD3138
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138 Datasheet(HTML) 22 Page - Texas Instruments

Back Button UCD3138 Datasheet HTML 18Page - Texas Instruments UCD3138 Datasheet HTML 19Page - Texas Instruments UCD3138 Datasheet HTML 20Page - Texas Instruments UCD3138 Datasheet HTML 21Page - Texas Instruments UCD3138 Datasheet HTML 22Page - Texas Instruments UCD3138 Datasheet HTML 23Page - Texas Instruments UCD3138 Datasheet HTML 24Page - Texas Instruments UCD3138 Datasheet HTML 25Page - Texas Instruments UCD3138 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 99 page
background image
• Dead-time between DPWM A and B outputs
• High Resolution capabilities – 250 ps
• Pulse cycle adjustment of up to ±8.192 µs (32768 × 250 ps)
• Active high/ active low output polarity selection
• Provides events to trigger both CPU interrupts and start of ADC12 conversions.
8.8.1.3 DPWM Events
Each DPWM can control the following timing events:
1. Sample Trigger Count–This register defines where the error voltage is sampled by the EADC in relationship
to the DPWM period. The programmed value set in the register should be one fourth of the value calculated
based on the DPWM clock. As the DCLK (DCLK = 62.5 MHz max) controlling the circuitry runs at one
fourth of the DPWM clock (PCLK = 250 MHz max). When this sample trigger count is equal to the DPWM
Counter, it initiates a front end calculation by triggering the EADC, resulting in a CLA calculation, and a
DPWM update. Oversampling can be set for 2, 4, or 8 times the sampling rate.
2. Phase Trigger Count – count offset for slaving another DPWM (Multi-Phase/Interleaved operation).
3. Period – low resolution switching period count. (count of PCLK cycles)
4. Event 1 – count offset for rising DPWM A event. (PCLK cycles)
5. Event 2 – DPWM count for falling DPWM A event that sets the duty ratio. Last 4 bits of the register are for
high resolution control. Upper 14 bits are the number of PCLK cycle counts.
6. Event 3 – DPWM count for rising DPWM B event. Last 4 bits of the register are for high resolution control.
Upper 14 bits are the number of PCLK cycle counts.
7. Event 4 – DPWM count for falling DPWM B event. Last 4 bits of the register are for high resolution control.
Upper 14 bits are the number of PCLK cycle counts.
8. Cycle Adjust – Constant offset for Event 2 and Event 4 adjustments.
Basic comparisons between the programmed registers and the DPWM counter can create the desired edge
placements in the DPWM. High resolution edge capability is available on Events 2, 3, and 4.
Figure 8-6 is for multi-mode, open loop. Open loop means that the DPWM is controlled entirely by its own
registers, not by the filter output. In other words, the power supply control loop is not closed.
The Sample Trigger signals are used to trigger the front end to sample input signals. The Blanking signals are
used to blank fault measurements during noisy events, such as FET turn on and turn off. Additional DPWM
modes are described below.
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com