Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138 Datasheet(PDF) 63 Page - Texas Instruments

Part # UCD3138
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138 Datasheet(HTML) 63 Page - Texas Instruments

Back Button UCD3138 Datasheet HTML 59Page - Texas Instruments UCD3138 Datasheet HTML 60Page - Texas Instruments UCD3138 Datasheet HTML 61Page - Texas Instruments UCD3138 Datasheet HTML 62Page - Texas Instruments UCD3138 Datasheet HTML 63Page - Texas Instruments UCD3138 Datasheet HTML 64Page - Texas Instruments UCD3138 Datasheet HTML 65Page - Texas Instruments UCD3138 Datasheet HTML 66Page - Texas Instruments UCD3138 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 99 page
background image
2 B – QB2
( EDGEGEN )
2 A – QT 2
( EDGEGEN )
0 B –
QSYN 2,4
1 B –
QSYN 1,3
X3
X2
X1 , X2 , X 3 and Y 1 , Y2 , Y 3
are sets of moving edges
All other edges are fixed .
DPWM 2 AF
DPWM 2 BF
DPWM 3 AF
DPWM 3 BF
Current
X1
Peak Level
3 A – QB1
( DPWM 1 C)
3 B – QT1
( DPWM 2 C)
Period Start
Period End
1A
0A
Chopping point
Chopping point
Y3
Y2
Y 1
Figure 10-6. Dynamic Signals to Bridge
The Edge Generator is configured with these statements:
Dpwm2Regs.DPWMEDGEGEN.bit.A_ON_EDGE = 2;
Dpwm2Regs.DPWMEDGEGEN.bit.A_OFF_EDGE = 5;
Dpwm2Regs.DPWMEDGEGEN.bit.B_ON_EDGE = 6;
Dpwm2Regs.DPWMEDGEGEN.bit.B_OFF_EDGE = 1;
Dpwm2Regs.DPWMCTRL0.bit.PWM_A_INTRA_MUX = 1; // EDGEGEN-A out the A output
Dpwm2Regs.DPWMCTRL0.bit.PWM_B_INTRA_MUX = 1; // EDGEGEN-B out the B output
Dpwm2Regs.DPWMEDGEGEN.bit.EDGE_EN = 1;
The EDGE_EN bits are set for all 4 DPWMs. This is done to ensure that all signals have the same timing delay
through the DPWM.
The finial 6 gate signals are shown in Figure 10-7.
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com