Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138 Datasheet(PDF) 25 Page - Texas Instruments

Part # UCD3138
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138 Datasheet(HTML) 25 Page - Texas Instruments

Back Button UCD3138 Datasheet HTML 21Page - Texas Instruments UCD3138 Datasheet HTML 22Page - Texas Instruments UCD3138 Datasheet HTML 23Page - Texas Instruments UCD3138 Datasheet HTML 24Page - Texas Instruments UCD3138 Datasheet HTML 25Page - Texas Instruments UCD3138 Datasheet HTML 26Page - Texas Instruments UCD3138 Datasheet HTML 27Page - Texas Instruments UCD3138 Datasheet HTML 28Page - Texas Instruments UCD3138 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 99 page
background image
8.9 Typical Temperature Characteristics
1.6
1.7
1.8
1.9
2
2.1
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
G005a
Figure 8-7. EADC LSB Size With 4X Gain (mV) vs
Temperature
1.71
1.73
1.75
1.77
1.79
1.81
-50
0
50
100
150
Temperature (ƒC)
Minimum
Maximum
Typical
C001
Figure 8-8. BP18 Voltage vs Temperature
1.4
1.6
1.8
2.0
2.2
2.4
2.6
−60 −40 −20
0
20
40
60
80
100 120 140 160
Temperature (°C)
G006b
ADC12 Measurement Temperature Sensor Voltage
Figure 8-9. ADC12 Measurement Temperature
Sensor Voltage vs Temperature
2.475
2.480
2.485
2.490
2.495
2.500
2.505
2.510
2.515
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
G003b
ADC12 2.5-V Reference
Figure 8-10. ADC12 2.5-V Reference vs
Temperature
−4
−2
0
2
4
6
8
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
G002b
ADC12 Temperature Sensor Measurement Error
Figure 8-11. ADC12 Temperature Sensor
Measurement Error vs Temperature
1.92
1.96
2
2.04
2.08
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
G004b
UCD3138 Oscillator Frequency
Figure 8-12. UCD3138 Oscillator Frequency (2-
MHz Reference, Divided Down from 250 MHz) vs
Temperature
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com