Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPA3136D2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPA3136D2 Datasheet HTML 14Page - Texas Instruments TPA3136D2 Datasheet HTML 15Page - Texas Instruments TPA3136D2 Datasheet HTML 16Page - Texas Instruments TPA3136D2 Datasheet HTML 17Page - Texas Instruments TPA3136D2 Datasheet HTML 18Page - Texas Instruments TPA3136D2 Datasheet HTML 19Page - Texas Instruments TPA3136D2 Datasheet HTML 20Page - Texas Instruments TPA3136D2 Datasheet HTML 21Page - Texas Instruments TPA3136D2 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
7.3.4 Spread Spectrum and De-Phase Control
The TPA3139D2 device has built-in spread spectrum control of the oscillator frequency and de-phase of the
PWM outputs to improve EMI performance. The spread spectrum scheme is internally fixed and is always turned
on.
De-phase inverts the phase of the output PWM such that the idle output PWM waveforms of the two audio
channels are inverted. De-phase does not affect the audio signal, or its polarity. De-phase only works with BD
mode, it is auto-disabled in 1SPW mode.
7.3.5 GVDD Supply
The GVDD Supply is used to power the gates of the output full-bridge transistors. Add a 1-μF capacitor to
ground at this pin.
7.3.6 DC Detect
The TPA3139D2 device integrates a circuitry which protects the speakers from DC current that might occur due
to defective capacitors on the input or shorts on the printed circuit board at the inputs. A DC detect fault is
reported on the SD/ FAULT pin as a low state. The DC Detect fault also causes the amplifier to shutdown by
changing the state of the outputs to Hi-Z.
A DC Detect Fault is issued when the output DC voltage sustain for more than 800 msec at the same polarity.
This feature protects the speaker from large DC currents or AC currents less than 1 Hz. To avoid nuisance faults
due to the DC detect circuit, hold the SD/ FAULT pin low at power-up until the signals at the inputs are stable.
Also, take care to match the impedance seen at the positive and negative inputs to avoid nuisance DC detect
faults.
7.3.7 PBTL Select
The TPA3139D2 device offers the feature of Parallel BTL operation with two outputs of each channel connected
directly. Connecting LINP and LINN directly to Ground (without capacitors) sets the device in Mono Mode during
power up. Connect the OUTPR and OUTNR together for the positive speaker terminal and OUTNL and OUTPL
together for the negative speaker terminal. Analog input signal is applied to INPR and INNR. For an example of
the PBTL connection, see the schematic in the Section 8.2 section.
7.3.8 Short-Circuit Protection and Automatic Recovery Feature
The TPA3139D2 features over-current conditions against the output stage short-circuit conditions. The short-
circuit protection fault is reported on the SD/ FAULT pin as a low state. The amplifier outputs are switched to a
Hi-Z state when the short circuit protection latch is triggered .
The device recovers automatically once the over-current condition has been removed.
7.3.9 Over-Temperature Protection (OTP)
Thermal protection on the TPA3139D2 device prevents damage to the device when the internal die temperature
exceeds 150°C. This triggering point has a ±15°C tolerance from device to device. Once the die temperature
exceeds the thermal triggering point, the device is switched to the shutdown state and the outputs are disabled.
Thermal protection faults are reported on the SD/ FAULT pin.
The device recovers automatically once the over temperature condition has been removed.
7.3.10 Over-Voltage Protection (OVP)
The TPA3139D2 device monitors the voltage on PVCC voltage threshold. When the voltage on PVCCL pin and
PVCCR pin exceeds the over-voltage threshold (15.8 V typ), the OVP circuit puts the device into shutdown
mode.
The device recovers automatically once the over-voltage condition has been removed.
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com