Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA3136D2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2 Datasheet(HTML) 5 Page - Texas Instruments

  TPA3136D2 Datasheet HTML 1Page - Texas Instruments TPA3136D2 Datasheet HTML 2Page - Texas Instruments TPA3136D2 Datasheet HTML 3Page - Texas Instruments TPA3136D2 Datasheet HTML 4Page - Texas Instruments TPA3136D2 Datasheet HTML 5Page - Texas Instruments TPA3136D2 Datasheet HTML 6Page - Texas Instruments TPA3136D2 Datasheet HTML 7Page - Texas Instruments TPA3136D2 Datasheet HTML 8Page - Texas Instruments TPA3136D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage
AVCC to GND, PVCC to GND
–0.3
20
V
Input current
To any pin except supply pins
10
mA
Slew rate, maximum(2)
SD/ FAULT to GND, GAIN_SEL, MODE_SEL, MUTE
10
V/ms
Interface pin voltage
SD/ FAULT to GND, GAIN_SEL, MODE_SEL, MUTE
–0.3
AVCC + 0.3
V
PLIMIT
-0.3
GVDD + 0.3
V
RINN, RINP, LINN, LINP
–0.3
5.5
V
Minimum load resistance, RL
BTL, (10 V ≤ PVCC ≤ 14.4 V)
4.8
Ω
BTL, (3.5 V < PVCC < 10 V)
3.2
PBTL, (10 V ≤ PVCC < 14.4 V)
2.4
PBTL, (3.5 V ≤ PVCC < 10 V)
1.6
Continuous total power dissipation
See the Thermal Information
Table
Operating Juncation Temperature range
–25
150
°C
Storage temperature range, Tstg
–40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
The voltage slew rate of these pins must be restricted to no more than 10 V/ms. For higher slew rates, use a 100 kΩ resister in series
with the pins.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±1000
V
Charged device model (CDM), per JEDEC specification JESD22-C101 (2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
www.ti.com
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com