Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPA3136D2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2 Datasheet(HTML) 3 Page - Texas Instruments

  TPA3136D2 Datasheet HTML 1Page - Texas Instruments TPA3136D2 Datasheet HTML 2Page - Texas Instruments TPA3136D2 Datasheet HTML 3Page - Texas Instruments TPA3136D2 Datasheet HTML 4Page - Texas Instruments TPA3136D2 Datasheet HTML 5Page - Texas Instruments TPA3136D2 Datasheet HTML 6Page - Texas Instruments TPA3136D2 Datasheet HTML 7Page - Texas Instruments TPA3136D2 Datasheet HTML 8Page - Texas Instruments TPA3136D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Device Comparison Table
Product
Supply Voltage
Modulation Scheme
Package
R(ds)on
Gain
Inductor Free
TPA3139D2
3.5-V to 14.4-V
BD, 1SPW
VQFN-24
180-mΩ
20-dB, 26-dB
YES
TPA3138D2
3.5-V to 14.4-V
BD, 1SPW
HTSSOP-28
180-mΩ
20-dB, 26-dB
YES
TPA3110D2
8-V to 26-V
BD
HTSSOP-28
240-mΩ
20-dB, 26-dB, 32-dB, 36-dB
NO
TPA3136D2
4.5-V to 14.4-V
BD
HTSSOP-28
240-mΩ
26-dB
YES
TPA3136AD2
8-V to 14.4-V
BD
HTSSOP-28
240-mΩ
26-dB
YES
5 Pin Configuration and Functions
1
OUTPL
18
OUTPR
2
BSPL
17
BSPR
3
PVCCL
16
PVCCR
4
SD/FA ULT
15
MUTE
5
LINP
14
RINP
6
LINN
13
RINN
No t to scale
Th ermal
Pad
Figure 5-1. RGE Package, 24-Pin VQFN, (Top View)
Pin Functions
PIN
I/O/P(1)
DESCRIPTION
NAME
NO.
OUTPL
1
O
Class-D H-bridge positive output for left channel.
BSPL
2
P
Bootstrap supply (BST) for positive high-side FET of the left channel.
PVCCL
3
P
Power supply for left channel H-bridge. Right channel and left channel power supply inputs are
connected internally.
SD/FAULT
4
IO
TTL logic levels with compliance to AVCC. Shutdown logic input for audio amp (LOW, outputs Hi-Z;
HIGH, outputs enabled). General fault reporting includes Over-Temp, Over-Current, and DC Detect.
SD/ FAULT= High, normal operation, SD/ FAULT= Low, fault condition. Device will auto-recover once
the OT/OC/DC Fault has been removed.
LINP
5
I
Positive audio input for left channel. Biased at 2.5 V. Connect to GND for PBTL mode.
LINN
6
I
Negative audio input for left channel. Biased at 2.5 V. Connect to GND for PBTL mode.
GAIN_SEL
7
I
Gain select least significant bit. TTL logic levels with compliance to AVDD. Low = 20-dB Gain, High =
26-dB Gain, Floating = 26-dB Gain.
MODE_SEL
8
I
Mode select least significant bit. TTL logic levels with compliance to AVDD. Low = BD Mode with UV
Threshold = 7.5 V, High = 1SPW Mode with UV Threshold = 3.4V, Floating = 1SPW Mode with UV
threshold = 3.4V.
AVCC
9
P
Analog supply.
www.ti.com
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com