Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPA3136D2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA3136D2 Datasheet HTML 2Page - Texas Instruments TPA3136D2 Datasheet HTML 3Page - Texas Instruments TPA3136D2 Datasheet HTML 4Page - Texas Instruments TPA3136D2 Datasheet HTML 5Page - Texas Instruments TPA3136D2 Datasheet HTML 6Page - Texas Instruments TPA3136D2 Datasheet HTML 7Page - Texas Instruments TPA3136D2 Datasheet HTML 8Page - Texas Instruments TPA3136D2 Datasheet HTML 9Page - Texas Instruments TPA3136D2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VCC
Supply voltage
PVCC, AVCC
3.5
14.4
V
VIH
High-level input voltage
SD/ FAULT (1), MUTE, GAIN_SEL, MODE_SEL
2
AVCC
V
VIL
Low-level input voltage
SD/ FAULT, MUTE, GAIN_SEL, MODE_SEL(2)
0.8
V
VOL
Low-level output voltage
SD/ FAULT, RPULL-UP =100 kΩ, PVCC = 14.4 V
0.8
V
IIH
High-level input current
SD/ FAULT, MUTE, GAIN_SEL, MODE_SEL, VI = 2 V, AVCC = 12 V
50
µA
IIL
Low-level input current
SD/ FAULT, MUTE, GAIN_SEL, MODE_SEL, VI = 0.8 V, AVCC = 12 V
5
µA
TA
Operating free-air temperature(3) (4)
–10
85
°C
TJ
Operating junction temperature(3)
-10
150
°C
(1)
Set SD/ FAULT to high level, make sure the pull-up resistor is larger than 4.7 kΩ and smaller than 500 kΩ
(2)
Set GAIN_SEL and MODE_SEL to low level, make sure pull down resistor<10 kΩ
(3)
The TPA3138D2 incorporates an exposed thermal pad on the underside of the chip. This acts as a heatsink, and it must be connected
to a thermally dissipating plane for proper power dissipation. Failure to do so may result in the device going into thermal protection
shutdown. See TI Technical Briefs SLMA002 for more information about using the TSSOP thermal pad.
(4)
TPA3139D2 supports -40°C ~85°C ambient temperature range with ≤12 V operating PVDD range.
6.4 Thermal Information
THERMAL METRIC(1)
TPA3139D2
UNIT
RGE (QFN)
24 PINS
RθJA
Junction-to-ambient thermal resistance
37.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
35.1
°C/W
RθJB
Junction-to-board thermal resistance
16.8
°C/W
ψJT
Junction-to-top characterization parameter
0.9
°C/W
ψJB
Junction-to-board characterization parameter
16.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com