Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2 Datasheet(PDF) 28 Page - Texas Instruments

Part # TPA3136D2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPA3136D2 Datasheet HTML 24Page - Texas Instruments TPA3136D2 Datasheet HTML 25Page - Texas Instruments TPA3136D2 Datasheet HTML 26Page - Texas Instruments TPA3136D2 Datasheet HTML 27Page - Texas Instruments TPA3136D2 Datasheet HTML 28Page - Texas Instruments TPA3136D2 Datasheet HTML 29Page - Texas Instruments TPA3136D2 Datasheet HTML 30Page - Texas Instruments TPA3136D2 Datasheet HTML 31Page - Texas Instruments TPA3136D2 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
8.2.3 Application Performance Curves
8.2.3.1 EN55013 Radiated Emissions Results
TPA3139D2 EVM, PVCC = 12 V, 8-Ω speakers, PO = 4 W
Figure 8-6. Radiated Emission - Horizontal
Figure 8-7. Radiated Emission - Vertical
8.2.3.2 EN55022 Conducted Emissions Results
TPA3139D2 EVM, PVCC = 12 V, 8-Ω speakers, PO = 4 W
Frequency (MHz)
EN55022 Class B
20
30
40
50
60
70
80
5
0.15
0.3
0.5
1
2
3
10
30
20
QP readings
QP limit
Figure 8-8. Conducted Emission - Line
Frequency (MHz)
EN55022 Class B
20
30
40
50
60
70
80
5
0.15
0.3
0.5
1
2
3
10
30
20
QP readings
QP limit
Figure 8-9. Conducted Emission - Neutral
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com