Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2 Datasheet(PDF) 30 Page - Texas Instruments

Part # TPA3136D2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPA3136D2 Datasheet HTML 26Page - Texas Instruments TPA3136D2 Datasheet HTML 27Page - Texas Instruments TPA3136D2 Datasheet HTML 28Page - Texas Instruments TPA3136D2 Datasheet HTML 29Page - Texas Instruments TPA3136D2 Datasheet HTML 30Page - Texas Instruments TPA3136D2 Datasheet HTML 31Page - Texas Instruments TPA3136D2 Datasheet HTML 32Page - Texas Instruments TPA3136D2 Datasheet HTML 33Page - Texas Instruments TPA3136D2 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
10 Layout
10.1 Layout Guidelines
The TPA3139D2 device can be used with a small, inexpensive ferrite bead output filter for most applications.
However, since the Class-D switching edges are fast, it is necessary to take care when planning the layout of the
printed circuit board. The following suggestions help meet EMC requirements.
• Decoupling capacitors—The high-frequency decoupling capacitors should be placed as close to the PVCC
and AVCC pins as possible. Large (100-µF or greater) bulk power supply decoupling capacitors should be
placed near the TPA3139D2 device on the PVCC supplies. Local, high-frequency bypass capacitors should
be placed as close to the PVCC pins as possible. These caps can be connected to the thermal pad directly
for an excellent ground connection. Consider adding a small, good quality low ESR ceramic capacitor
between 220 pF and 1000 pF and a larger mid-frequency cap of value between 0.1 μF and 1 μF also of good
quality to the PVCC connections at each end of the chip.
• Keep the current loop from each of the outputs through the ferrite bead and the small filter cap and back to
GND as small and tight as possible. The size of this current loop determines its effectiveness as an antenna.
• Grounding—The AVCC decoupling capacitor should be connected to ground (GND). The PVCC decoupling
capacitors should connect to GND. Analog ground and power ground should be connected at the thermal
pad, which should be used as a central ground connection or star ground for the TPA3139D2.
• Output filter—The ferrite EMI filter (Figure 8-3) should be placed as close to the output pins as possible for
the best EMI performance. The capacitors used in the ferrite should be grounded to power ground.
• Thermal Pad—The thermal pad must be soldered to the PCB for proper thermal performance and optimal
reliability. The dimensions of the thermal pad and thermal land should be 3.04 mm × 2.34 mm. Seven rows of
solid vias (three vias per row, 0.3302 mm or 13 mils diameter) should be equally spaced underneath the
thermal land. The vias should connect to a solid copper plane, either on an internal layer or on the bottom
layer of the PCB. The vias must be solid vias, not thermal relief or webbed vias. See the TI Application
Report SCBA017D for more information about using the QFN thermal pad. For recommended PCB footprints,
see figures at the end of this data sheet.
For an example layout, see the TPA3139D2 Evaluation Module (TPA3139D2EVM) User Manual. Both the EVM
user manual and the thermal pad application report are available on the TI Web site at http://www.ti.com.
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
www.ti.com
30
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com