Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPA3136D2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA3136D2 Datasheet HTML 3Page - Texas Instruments TPA3136D2 Datasheet HTML 4Page - Texas Instruments TPA3136D2 Datasheet HTML 5Page - Texas Instruments TPA3136D2 Datasheet HTML 6Page - Texas Instruments TPA3136D2 Datasheet HTML 7Page - Texas Instruments TPA3136D2 Datasheet HTML 8Page - Texas Instruments TPA3136D2 Datasheet HTML 9Page - Texas Instruments TPA3136D2 Datasheet HTML 10Page - Texas Instruments TPA3136D2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
6.5 Electrical Characteristics
TA = 25°C, AVCC = PVCC = 12 V, RL = 8 Ω, Gain = 20 dB, ferrite beads used, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC CHARACTERISTICS
PO
Output power (BTL), 10% THD+N
PVCC = 7.4 V, RL = 8 Ω, f = 1 kHz, 1SPW mode
3.8
W
PVCC = 12 V, RL = 4 Ω, f = 1 kHz, BD mode
14.3
W
Output power (BTL), 1% THD+N
PVCC = 7.4 V, RL = 8 Ω, f = 1 kHz, 1SPW mode
3.0
W
PVCC = 12 V, RL = 4 Ω, f = 1 kHz, BD mode
13.6
W
Output power (PBTL), 10% THD+N
PVCC = 5 V, RL = 4 Ω, f = 1 kHz, 1SPW mode
3.5
W
PVCC = 12 V, RL = 4 Ω, f = 1 kHz, BD mode
19.1
PVCC = 12 V, RL = 8 Ω, f = 1 kHz, BD mode
10.5
W
Output power (PBTL), 1% THD+N
PVCC = 5 V, RL = 4 Ω, f = 1 kHz, 1SPW mode
3
W
PVCC = 12 V, RL = 4 Ω, f = 1 kHz, BD mode
15.7
PVCC = 12 V, RL = 8 Ω, f = 1 kHz, BD mode
8.9
W
IO
Maximum output current
f = 1 kHz, RL = 3 Ω
3.5
A
THD+N
Total harmonic distortion + noise
f = 1 kHz, PO = 5 W (half-power)
0.04
%
PSRR
Power supply ripple rejection
200-mVPP ripple at 1 kHz, inputs ac-coupled to GND
-85
dB
Vn
Output integrated noise
20 Hz to 22 kHz, A-weighted filter, Gain = 26 dB
85
µV
-81
dBV
20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB
72
µV
-82.6
dBV
Crosstalk
VO = 1 Vrms, f = 1 kHz
-100
dB
SNR
Signal-to-noise ratio
Maximum output at THD+N < 1%, f = 1 kHz, A-weighted
102
dB
OTE
Thermal trip point
150
°C
Thermal hysteresis
15
°C
DC CHARACTERISTICS
| VOS |
Output offset voltage
(measured differentially)
VI = 0 V
1.5
mV
ICC
Quiescent supply current
SD/ FAULT = 2 V, ferrite bead filter, 1SPW Mode, PVCC =
12 V
20
mA
SD/ FAULT = 2 V, ferrite bead filter, BD Mode, PVCC = 12
V
37
mA
SD/ FAULT = 2 V, 10 µH + 680 nF output filter, 1SPW
Mode, PVCC = 7.4 V
17
mA
SD/ FAULT = 2 V, 10 µH + 680 nF output filter, 1SPW
Mode, PVCC = 12 V
22.8
mA
ICC(SD)
Quiescent supply current in shutdown mode
SD/ FAULT = 0.8 V, no load
10
µA
rDS(on)
Drain-source on-state resistance
IO = 500 mA, TJ = 25°C
excluding metal and
bond wire resistance
High Side
180
mΩ
Low side
180
G
Gain
GAIN_SEL= 0.8 V
19
20
21
dB
GAIN_SEL= 2 V
25
26
27
dB
tON
Turn-on time
SD/ FAULT = 2 V
15
ms
tOFF
Turn-off time
SD/ FAULT = 0.8 V
2.9
µs
GVDD
Gate drive supply
IGVDD = 2 mA
4.8
5
5.2
V
tDCDET
DC detect time
VRINP = 2.6 V and VRINN = 2.4 V,
or VRINP = 2.4 V and VRINN = 2.6 V
800
ms
OVP
Over Voltage Protection
15.8
V
UVP
Under Voltage Protection
MODE_SEL = 0.8 V (BD mode)
7.5
V
UVP
Under Voltage Protection
MODE_SEL = 2 V, or floating (1SPW mode)
3.4
V
www.ti.com
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com