Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2 Datasheet(PDF) 29 Page - Texas Instruments

Part # TPA3136D2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPA3136D2 Datasheet HTML 25Page - Texas Instruments TPA3136D2 Datasheet HTML 26Page - Texas Instruments TPA3136D2 Datasheet HTML 27Page - Texas Instruments TPA3136D2 Datasheet HTML 28Page - Texas Instruments TPA3136D2 Datasheet HTML 29Page - Texas Instruments TPA3136D2 Datasheet HTML 30Page - Texas Instruments TPA3136D2 Datasheet HTML 31Page - Texas Instruments TPA3136D2 Datasheet HTML 32Page - Texas Instruments TPA3136D2 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
9 Power Supply Recommendations
9.1 Power Supply Decoupling, CS
The TPA3139D2 device is a high-performance CMOS audio amplifier that requires adequate power supply
decoupling to ensure that the output total harmonic distortion (THD) is as low as possible. Power supply
decoupling also prevents oscillations for long lead lengths between the amplifier and the speaker. Optimum
decoupling is achieved by using a network of capacitors of different types that target specific types of noise on
the power supply leads. For higher frequency transients due to parasitic circuit elements such as bond wire and
copper trace inductances as well as lead frame capacitance, a good quality low equivalent-series-resistance
(ESR) ceramic capacitor of value between 220 pF and 1000 pF works well. This capacitor should be placed as
close to the device PVCC pins and system ground (either GND pins or thermal pad) as possible. For mid-
frequency noise due to filter resonances or PWM switching transients as well as digital hash on the line, another
good quality capacitor typically 0.1 μF to 1 µF placed as close as possible to the device PVCC leads works best.
For filtering lower frequency noise signals, a larger aluminum electrolytic capacitor of 100 μF or greater placed
near the audio power amplifier is recommended. The 100-μF capacitor also serves as a local storage capacitor
for supplying current during large signal transients on the amplifier outputs. The PVCC pins provide the power to
the output transistors, so a 100-µF or larger capacitor should be placed on each PVCC pin. A 1-µF capacitor on
the AVCC pin is adequate. Also, a small decoupling resistor between AVCC and PVCC can be used to keep high
frequency class-D noise from entering the linear input amplifiers.
www.ti.com
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com