Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPA3136D2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPA3136D2 Datasheet HTML 22Page - Texas Instruments TPA3136D2 Datasheet HTML 23Page - Texas Instruments TPA3136D2 Datasheet HTML 24Page - Texas Instruments TPA3136D2 Datasheet HTML 25Page - Texas Instruments TPA3136D2 Datasheet HTML 26Page - Texas Instruments TPA3136D2 Datasheet HTML 27Page - Texas Instruments TPA3136D2 Datasheet HTML 28Page - Texas Instruments TPA3136D2 Datasheet HTML 29Page - Texas Instruments TPA3136D2 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
2.2 mF
15
H
m
15 mH
OUTP
OUTN
L1
L2
C2
C3
2.2 mF
Figure 8-5. Typical LC Output Filter, Cutoff Frequency of 27 kHz, Speaker Impedance = 6 Ω
8.2.2.4 Input Resistance
The typical input resistance of the amplifier is fixed to 20 kΩ ±15% for 26dB Gain and 40kΩ ±15% for 20dB
Gain .
Ci
IN
Zi
Zf
Input
Signal
8.2.2.5 Input Capacitor, Ci
In the typical application, an input capacitor (Ci) is required to allow the amplifier to bias the input signal to the
proper dc level for optimum operation. In this case, Ci and the input impedance of the amplifier (Zi) form a high-
pass filter with the corner frequency determined in Equation 2.
f
=
c
1
2
Z C
p
i
i
-3dB
fc
(2)
The value of Ci is important, as it directly affects the bass (low-frequency) performance of the circuit. Consider
the example where Zi is 20 kΩ (26dB Gain) and the specification calls for a flat bass response down to 20 Hz.
Equation 2 is reconfigured as Equation 3.
C =
i
1
2
Z f
p
i
c
(3)
In this example, Ci is 0.4 µF; so, one would likely choose a value of 0.39 μF as this value is commonly used. A
further consideration for this capacitor is the leakage path from the input source through the input network (Ci)
and the feedback network to the load. This leakage current creates a dc offset voltage at the input to the
amplifier that reduces useful headroom. For this reason, a low-leakage tantalum or ceramic capacitor is the best
choice. When polarized capacitors are used, the positive side of the capacitor should face the amplifier input in
most applications as the dc level there is held at 3 V, which is likely higher than the source dc level. Note that it is
important to confirm the capacitor polarity in the application. Additionally, lead-free solder can create dc offset
voltages and it is important to ensure that boards are cleaned properly.
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com