Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPA3136D2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA3136D2 Datasheet HTML 5Page - Texas Instruments TPA3136D2 Datasheet HTML 6Page - Texas Instruments TPA3136D2 Datasheet HTML 7Page - Texas Instruments TPA3136D2 Datasheet HTML 8Page - Texas Instruments TPA3136D2 Datasheet HTML 9Page - Texas Instruments TPA3136D2 Datasheet HTML 10Page - Texas Instruments TPA3136D2 Datasheet HTML 11Page - Texas Instruments TPA3136D2 Datasheet HTML 12Page - Texas Instruments TPA3136D2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
6.7 Typical Characteristics,
6.7.1 Bridge -Tied Load (BTL)
All measurements taken at audio frequency = 1 kHz, closed-loop gain = 26 dB, BD Modulation, 10 µH + 0.68 µF,
TA = 25°C, AES17 measurement filter, unless otherwise noted.
Output Power (W)
0.01
0.1
1
10
10m
100m
1
10
20
D001
D001
f = 100 Hz
f = 1 kHz
f = 10 kHz
AVCC = PVCC = 12 V, Load = 8 Ω, LC Filter
Figure 6-1. THD+N vs Power (BTL)
Output Power (W)
0.01
0.1
1
10
10m
100m
1
10
20
D002
D002
f = 100 Hz
f = 1 kHz
f = 10 kHz
AVCC=PVCC = 8 V, Load = 4 Ω, LC Filter
Figure 6-2. THD+N vs Power (BTL)
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
20
20k
D004
D004
Po = 2 W
Po = 5 W
AVCC = PVCC = 12 V, Load = 8 Ω, LC Filter
Figure 6-3. THD+N vs Frequency (BTL)
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
20
20k
D005
D005
Po = 2 W
Po = 5 W
AVCC=PVCC = 12 V, Load = 4 Ω
Figure 6-4. THD+N vs Frequency (BTL)
Supply Voltage (V)
8
9
10
11
12
13
14
15
0
2
4
6
8
10
12
14
16
18
20
22
24
THD+N = 1 %
THD+N = 10 %
Load = 4 Ω
Figure 6-5. Output Power vs Supply Voltage (BTL)
Supply Voltage (V)
8
9
10
11
12
13
14
15
0
2
4
6
8
10
12
14
16
18
20
THD+N = 1 %
THD+N = 10 %
Load = 8 Ω
Figure 6-6. Output Power vs Supply Voltage (BTL)
www.ti.com
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com