Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3136D2 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPA3136D2
Description  TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA3136D2 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPA3136D2 Datasheet HTML 16Page - Texas Instruments TPA3136D2 Datasheet HTML 17Page - Texas Instruments TPA3136D2 Datasheet HTML 18Page - Texas Instruments TPA3136D2 Datasheet HTML 19Page - Texas Instruments TPA3136D2 Datasheet HTML 20Page - Texas Instruments TPA3136D2 Datasheet HTML 21Page - Texas Instruments TPA3136D2 Datasheet HTML 22Page - Texas Instruments TPA3136D2 Datasheet HTML 23Page - Texas Instruments TPA3136D2 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
7.4 Device Functional Modes
7.4.1 MODE_SEL = LOW: BD Modulation
This is a modulation scheme that allows operation without the classic LC reconstruction filter when the amp is
driving an inductive load with short speaker wires. Each output is switching from 0 volts to the supply voltage.
The OUTPx and OUTNx are in phase with each other with no input so that there is little or no current in the
speaker. The duty cycle of OUTPx is greater than 50% and OUTNx is less than 50% for positive output voltages.
The duty cycle of OUTPx is less than 50% and OUTNx is greater than 50% for negative output voltages. The
voltage across the load sits at 0 V throughout most of the switching period, reducing the switching current, which
reduces any I2R losses in the load.
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
OUTP
OUTN
OUTP-OUTN
Speaker
Current
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
0 V
0 V
PVCC
No Output
Positive Output
Negative Output
0 A
0 A
0 V
- PVCC
Figure 7-2. BD Mode Modulation
TPA3139D2
SLOS810A – OCTOBER 2019 – REVISED AUGUST 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPA3139D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com