Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C5887AXC Datasheet(PDF) 120 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 120 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 116Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 117Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 118Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 119Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 120Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 121Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 122Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 123Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 124Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 119 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 11-78. Synchronous Write and Read Cycle Timing, No Wait States
Tbus_clock
Bus Clock
EM_Addr
EM_CE
EM_ADSC
EM_Clock
EM_WE
EM_OE
EM_Data
Trd_setup
Trd_hold
Write Cycle
Read Cycle
Minimum of 4 bus clock cycles between successive EMIF accesses
Twr_setup
Table 11-70. Synchronous Write and Read Timing Specifications[86]
Parameter
Description
Conditions
Min
Typ
Max
Units
Fbus_clock Bus clock frequency[87]
––
33
MHz
Tbus_clock Bus clock period[88]
30.3
–
–
ns
Twr_Setup
Time from EM_data valid to rising edge of
EM_Clock
Tbus_clock – 10
–
–
ns
Trd_setup
Time that EM_data must be valid before rising
edge of EM_OE
5–
–
ns
Trd_hold
Time that EM_data must be valid after rising
edge of EM_OE
5–
–
ns
Notes
86. Based on device characterization (Not production tested).
87. EMIF signal timings are limited by GPIO frequency limitations. See “GPIO” section on page 76.
88. EMIF output signals are generally synchronized to bus clock, so EMIF signal timings are dependent on bus clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com