Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C5887AXC Datasheet(PDF) 121 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 121 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 117Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 118Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 119Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 120Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 121Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 122Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 123Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 124Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 125Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 120 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.8 PSoC System Resources
Specifications are valid for –40 °C
≤ TA ≤ 105 °C and TJ ≤ 120 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted.
11.8.1 POR with Brown Out
For brown out detect in regulated mode, VDDD and VDDA must be ≥ 2.0 V. Brown out detect is not available in externally regulated
mode.
11.8.2 Voltage Monitors
Table 11-71. Precise Low-Voltage Reset (PRES) with Brown Out DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
PRESR
Rising trip voltage
Factory trim
1.64
–
1.68
V
PRESF
Falling trip voltage
1.62
–
1.66
V
Table 11-72. Power-On-Reset (POR) with Brown Out AC Specifications[89]
Parameter
Description
Conditions
Min
Typ
Max
Units
PRES_TR[90] Response time
–
–
0.5
µs
VDDD/VDDA droop rate
Sleep mode
–
5
–
V/sec
Table 11-73. Voltage Monitors DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
LVI
Trip voltage
LVI_A/D_SEL[3:0] = 0000b
1.68
1.73
1.77
V
LVI_A/D_SEL[3:0] = 0001b
1.89
1.95
2.01
V
LVI_A/D_SEL[3:0] = 0010b
2.14
2.20
2.27
V
LVI_A/D_SEL[3:0] = 0011b
2.38
2.45
2.53
V
LVI_A/D_SEL[3:0] = 0100b
2.62
2.71
2.79
V
LVI_A/D_SEL[3:0] = 0101b
2.87
2.95
3.04
V
LVI_A/D_SEL[3:0] = 0110b
3.11
3.21
3.31
V
LVI_A/D_SEL[3:0] = 0111b
3.35
3.46
3.56
V
LVI_A/D_SEL[3:0] = 1000b
3.59
3.70
3.81
V
LVI_A/D_SEL[3:0] = 1001b
3.84
3.95
4.07
V
LVI_A/D_SEL[3:0] = 1010b
4.08
4.20
4.33
V
LVI_A/D_SEL[3:0] = 1011b
4.32
4.45
4.59
V
LVI_A/D_SEL[3:0] = 1100b
4.56
4.70
4.84
V
LVI_A/D_SEL[3:0] = 1101b
4.83
4.98
5.13
V
LVI_A/D_SEL[3:0] = 1110b
5.05
5.21
5.37
V
LVI_A/D_SEL[3:0] = 1111b
5.30
5.47
5.63
V
HVI
Trip voltage
5.57
5.75
5.92
V
Table 11-74. Voltage Monitors AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
LVI_tr[90]
Response time
–
–
1
µs
Notes
89. Based on device characterization (Not production tested).
90. This value is calculated, not measured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com