Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C5887AXC Datasheet(PDF) 128 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 128 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 124Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 125Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 126Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 127Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 128Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 129Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 130Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 131Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 132Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 127 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
12. Ordering Information
In addition to the features listed in Table 12-1, every CY8C58LP device includes: up to 256 KB flash, 64 KB SRAM, 2 KB EEPROM,
a precision on-chip voltage reference, precision oscillators, flash, ECC, DMA, a fixed function I2C, JTAG/SWD programming and
debug, external memory interface, boost, and more. In addition to these features, the flexible UDBs and analog subsection support
a wide range of peripherals. To assist you in selecting the ideal part, PSoC Creator makes a part recommendation after you choose
the components required by your application. All CY8C58LP derivatives incorporate device and flash security in user-selectable
security levels; see the TRM for details
.
Notes
106.Analog blocks support a wide variety of functionality including TIA, PGA, and mixers. See Example Peripherals on page 40 for more information on how analog blocks
can be used.
107.UDBs support a wide variety of functionality including SPI, LIN, UART, timer, counter, PWM, PRS, and others. Individual functions may use a fraction of a UDB or
multiple UDBs. Multiple functions can share a single UDB. See Example Peripherals on page 40 for more information on how UDBs can be used.
108.The I/O Count includes all types of digital I/O: GPIO, SIO, and the two USB I/O. See “I/O System and Routing” section on page 33 for details on the functionality of
each of these types of I/O.
109.The JTAG ID has three major fields. The most significant nibble (left digit) is the version, followed by a 2 byte part number and a 3 nibble manufacturer ID.
Table 12-1. CY8C58LP Family with Arm Cortex-M3 CPU
Part Number
MCU Core
Analog
Digital
I/O[108]
Package
JTAG ID[109]
CY8C5868AXI-LP031
67 256 64
2
✔
1x20-bit Del-Sig
2x12-bit SAR
4
4
4
4
✔ ✔ 24 4
–
– 70 62 8
0
100-TQFP
0x2E11F069
CY8C5868AXI-LP032
67 256 64
2
✔
1x20-bit Del-Sig
2x12-bit SAR
4
4
4
4
✔ ✔ 24 4 ✔ – 72 62 8 2
100-TQFP
0x2E120069
CY8C5868AXI-LP035
67 256 64
2
✔
1x20-bit Del-Sig
2x12-bit SAR
4
4
4
4
✔ ✔ 24 4 ✔ ✔ 72 62 8 2
100-TQFP
0x2E123069
CY8C5868LTI-LP036
67 256 64
2
✔
1x20-bit Del-Sig
2x12-bit SAR
4
4
4
4
✔ ✔ 24 4
–
– 46 38 8
0
68-QFN
0x2E124069
CY8C5868LTI-LP038
67 256 64
2
✔
1x20-bit Del-Sig
2x12-bit SAR
4
4
4
4
✔ ✔ 24 4 ✔ – 48 38 8 2
68-QFN
0x2E126069
CY8C5868LTI-LP039
67 256 64
2
✔
1x20-bit Del-Sig
2x12-bit SAR
4
4
4
4
✔ ✔ 24 4 ✔ ✔ 48 38 8 2
68-QFN
0x2E127069
CY8C5867AXI-LP023
67 128 32
2
✔
1x20-bit Del-Sig
1x12-bit SAR
4
4
4
4
✔ ✔ 24 4
–
– 70 62 8
0
100-TQFP
0x2E117069
CY8C5867AXI-LP024
67 128 32
2
✔
1x20-bit Del-Sig
1x12-bit SAR
4
4
4
4
✔ ✔ 24 4 ✔ – 72 62 8 2
100-TQFP
0x2E118069
CY8C5867LTI-LP025
67 128 32
2
✔
1x20-bit Del-Sig
1x12-bit SAR
4
4
4
4
✔ ✔ 24 4
–
– 46 38 8
0
68-QFN
0x2E119069
CY8C5867LTI-LP028
67 128 32
2
✔
1x20-bit Del-Sig
1x12-bit SAR
4
4
4
4
✔ ✔ 24 4 ✔ – 48 38 8 2
68-QFN
0x2E11C069
CY8C5866AXI-LP020
67
64
16
2
✔
1x20-bit Del-Sig
1x12-bit SAR
4
4
4
4
✔ ✔ 20 4 ✔ ✔ 72 62 8 2
100-TQFP
0x2E114069
CY8C5866AXI-LP021
67
64
16
2
✔
1x20-bit Del-Sig
1x12-bit SAR
4
4
4
4
✔ ✔ 20 4 ✔ – 72 62 8 2
100-TQFP
0x2E115069
CY8C5866LTI-LP022
67
64
16
2
✔
1x20-bit Del-Sig
1x12-bit SAR
4
4
4
4
✔ ✔ 20 4 ✔ – 48 38 8 2
68-QFN
0x2E116069
CY8C5888AXI-LP096
80 256 64
2
✔
1x20-bit Del-Sig
2x12-bit SAR
4
4
4
4 ✔ ✔ 24 4
✔ ✔ 72 62 8 2
100-TQFP
0x2E160069
CY8C5888AXQ-LP096
80 256 64
2
✔
1x20-bit Del-Sig
2x12-bit SAR
4
4
4
4 ✔ ✔ 24 4
✔ ✔ 72 62 8 2
100-TQFP
0x2E160069
CY8C5888LTI-LP097
80 256 64
2
✔
1x20-bit Del-Sig
2x12-bit SAR
4
4
4
4 ✔ ✔ 24 4
✔ ✔ 48 38 8 2
68-QFN
0x2E161069
CY8C5888LTQ-LP097
80 256 64
2
✔
1x20-bit Del-Sig
2x12-bit SAR
4
4
4
4 ✔ ✔ 24 4
✔ ✔ 48 38 8 2
68-QFN
0x2E161069
CY8C5888FNI-LP210
80 256 64
2
✔
1x20-bit Del-Sig
2x12-bit SAR
4
4
4
4 ✔ ✔ 24 4
✔ ✔ 72 62 8 2
99-WLCSP
0x2E1D2069
CY8C5888FNI-LP214
80 256 64
2
✔
1x20-bit Del-Sig
2x12-bit SAR
4
4
4
4
✔ ✔ 24 4 ✔ – 72 62 8 2
99-WLCSP
0x2E1D6069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com