Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C5887AXC Datasheet(PDF) 130 Page - Infineon Technologies AG

Part # CY8C5887AXC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5887AXC Datasheet(HTML) 130 Page - Infineon Technologies AG

Back Button CY8C5887AXC Datasheet HTML 126Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 127Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 128Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 129Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 130Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 131Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 132Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 133Page - Infineon Technologies AG CY8C5887AXC Datasheet HTML 134Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 129 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
13. Packaging
Table 13-1. Package Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Units
TA
Operating ambient temperature
–40
25
105
°C
TJ
Operating junction temperature
–40
–
120
°C
TJA
Package
θJA (68-pin QFN)
–
15
–
°C/Watt
TJA
Package
θJA (100-pin TQFP)
–
34
–
°C/Watt
TJC
Package
θJC (68-pin QFN)
–
13
–
°C/Watt
TJC
Package
θJC (100-pin TQFP)
–
10
–
°C/Watt
TA
Operating ambient temperature
For CSP parts
–40
25
85
°C
TJ
Operating junction temperature
For CSP parts
–40
–
100
°C
TJA
Package
θJA (99-ball CSP)
16.5
°C/Watt
TJc
Package
θJC (99-ball CSP)
–
0.1
–
°C/Watt
Table 13-2. Solder Reflow Peak Temperature
Package
Maximum Peak
Temperature
Maximum Time at
Peak Temperature
68-pin QFN
260 °C
30 seconds
100-pin TQFP
260 °C
30 seconds
99-ball WLCSP
255 °C
30 seconds
Table 13-3. Package Moisture Sensitivity Level (MSL), IPC/JEDEC J-STD-2
Package
MSL
68-pin QFN
MSL 3
100-pin TQFP
MSL 3
99-ball WLCSP
MSL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com