Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5703BCCZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5703BCCZN-R7
Description  Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5703BCCZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5703BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
ADRF5703
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 19
ELECTRICAL SPECIFICATIONS
VDD = 3.3V, VSS = −3.3V, control voltages (VCTRL) = 0V or 3.3V, TCASE = 25°C, and 50Ω system, unless otherwise noted. VCTRL is the voltages
of the digital control input pins.
Table 1. Electrical Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.009
20000
MHz
INSERTION LOSS
9kHz to 6GHz
1
dB
6GHz to 12GHz
1.3
dB
12 GHz to 20GHz
1.7
dB
RETURN LOSS
ATTIN and ATTOUT, all attenuation states
9kHz to 6GHz
22
dB
6GHz to 12GHz
21
dB
12 GHz to 20GHz
21
dB
ATTENUATION
Range
Between minimum and maximum attenuation states
31.75
dB
Step Size
Between any successive attenuation states
0.25
dB
Accuracy
Referenced to insertion loss
9kHz to 20GHz
−(4% of the
attenuation
state) or
+(0.1)
dB
Step Error
Between any successive state
9kHz to 6GHz
0.04
dB
6GHz to 12GHz
0.05
dB
12 GHz to 20GHz
0.20
dB
RELATIVE PHASE
Maximum attenuation state referenced to insertion
loss
6GHz
13
Degrees
12GHz
27
Degrees
20GHz
48
Degrees
SWITCHING CHARACTERISTICS
All attenuation states at input power (PIN) = 10dBm,
f = 1GHz
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RF output
0.4
μs
On Time and Off Time
tON, tOFF
50% triggered control to 90% of RF output
0.6
μs
RF Amplitude Settling Time
0.1dB
50% triggered control to 0.1dB of final RF output
0.9
μs
0.05dB
50% triggered control to 0.05dB of final RF output
1
μs
Overshoot
Worst-case transition
3.7
dB
Undershoot
Worst-case transition
2.4
dB
RF Phase Settling Time
f = 20GHz
50% triggered control to 5° of final RF output
0.5
μs
50% triggered control to 1° of final RF output
0.6
μs
INPUT LINEARITY1
3MHz to 18GHz
0.1dB Power Compression
P0.1dB
Input at ATTIN
Attenuation state < 16dB
33
dBm
Attenuation state ≥ 16dB
31
dBm
Input at ATTOUT
Attenuation state < 16dB
30
dBm
Attenuation state ≥ 16dB
27
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com