Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5703BCCZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF5703BCCZN-R7
Description  Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5703BCCZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF5703BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 16Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 17Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 18Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Data Sheet
ADRF5703
THEORY OF OPERATION
analog.com
Rev. 0 | 16 of 19
SERIAL OR PARALLEL MODE SELECTION
The ADRF5703 can be controlled in either serial or parallel mode
by setting the PS pin to high or low, respectively (see Table 9).
Table 9. Mode Selection
PS
Control Mode
Low
Parallel
High
Serial
SERIAL MODE INTERFACE
The ADRF5703 supports a 4-wire SPI: serial data input (SERIN),
clock (CLK), serial data output (SEROUT), and latch enable (LE).
The serial control interface is activated when PS pin is set to high.
The ADRF5703 attenuation states can be controlled using the 7-bit
or 8-bit SERIN data. If an 8-bit word is used to control the state of
the attenuator, the first two bits are don't care bit. It does not matter
if these bits are held low or high, or if they are omitted altogether.
Only Bits[D6:D0] set the state of the attenuator.
In serial mode, the SERIN data is clocked MSB first on the rising
CLK edges into the shift register. Then, LE must be toggled high to
latch the new attenuation state into the device. LE must be set to
low to clock new SERIN data into the shift register because CLK is
masked to prevent the attenuator value from changing if LE is kept
high. See Figure 35, Figure 36, the Timing Specifications section,
and the RF Input and Output section for additional information.
Figure 35. Serial Control Timing Diagram
Figure 36. Serial Output Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com