Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5703BCCZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5703BCCZN-R7
Description  Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5703BCCZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5703BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Data Sheet
ADRF5703
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 10 of 19
INSERTION LOSS, RETURN LOSS, STATE ERROR, STEP ERROR, AND RELATIVE PHASE
VDD = +3.3V, VSS= −3.3V, VCTRL = 0V or 3.3V, TCASE = 25°C, and a 50Ω system, unless otherwise noted.
Figure 10. Insertion Loss vs. Frequency over
Temperature
Figure 11. Input Return Loss vs. Frequency for Major
Attenuation States
Figure 12. Output Return Loss vs. Frequency for Major
Attenuation States
Figure 13. Normalized Attenuation vs. Frequency for
Attenuation States up to −10dB
Figure 14. Normalized Attenuation vs. Frequency for
Attenuation States from −10dB to −20dB
Figure 15. Normalized Attenuation vs. Frequency for
Attenuation States from −20dB to −32dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com