Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5703BCCZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5703BCCZN-R7
Description  Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5703BCCZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5703BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Data Sheet
ADRF5703
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 19
Table 1. Electrical Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Third-Order Intercept
IP3
Two-tone PIN = 22dBm per tone, Δf = 1MHz, all
attenuation states
dBm
Input at ATTIN
55
dBm
Input at ATTOUT
55
dBm
Second-Order Intercept
IP2
Two-tone PIN = 22dBm per tone, Δf = 1MHz, all
attenuation states
110
dBm
VIDEO FEEDTHROUGH2
2
mV p-p
DIGITAL CONTROL INPUTS
LE, PS, and D0 to D6
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low
IINL
<1
µA
High
IINH
D0, D1, D2, and D3
30
µA
LE, PS, D4, D5, and D6
<1
µA
SUPPLY CURRENT
Positive Supply Current
IDD
VDD = 3.3V
0.7
mA
Negative Supply Current
ISS
VSS = −3.3V
0.6
mA
RECOMMENDED OPERATING CONDITIONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V
Digital Control Voltage
VCTRL
0
VDD
V
RF Power Handling 3
f = 3MHz to 18GHz, TCASE = 85°C,4 all attenuation
states
Input at ATTIN
Average
27
dBm
Peak5
30
dBm
Hot Switching
27
dBm
Input at ATTOUT
Average
24
dBm
Peak
27
dBm
Hot Switching
24
dBm
TCASE
−40
+105
°C
1 For input linearity performance over frequency, see Figure 30 and Figure 31.
2 Video feedthrough is the peak transient measured at the RF ports in a 50Ω test setup without an RF signal present while switching the control voltage.
3 For RF power handling derating over the extended frequency range, see Figure 2.
4 For TCASE = 105°C operation, the RF power handling derates from the TCASE = 85°C specifications by 3dB.
5 Peak: ≤100ns pulse duration and 5% duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com