Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5703BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5703BCCZN-R7
Description  Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5703BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5703BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data Sheet
ADRF5703
Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices
for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change
without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered
trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and availability.
FEATURES
Frequency range: 9kHz to 20GHz
Attenuation range: 31.75dB with 0.25dB step size
Low insertion loss
1dB typical up to 6GHz
1.3dB typical up to 12GHz
1.7dB typical up to 20GHz
Attenuation accuracy: −(4% of the attenuation state) or +(0.1)
typical up to 20GHz
Step error: 0.20dB typical up to 20GHz
High linearity
Input P0.1dB
Attenuation state < 16dB: 33dBm typical at ATTIN
Attenuation state ≥ 16dB: 31dBm typical at ATTIN
Input IP3: 55dBm typical at ATTIN
High RF power handling
27dBm average at ATTIN
30dBm peak at ATTIN
27dBm hot switching at ATTIN
RF amplitude settling time (50% triggered control to 0.05dB of
final RF output): 1μs typical
Consistent return loss at all attenuation states
Single-supply operation with derated power handling
No low frequency spurs and no internal voltage generation
Serial and parallel mode control, CMOS- and LVTTL-compatible
24-terminal, 4.0mm × 4.0mm, land grid array (LGA) package
APPLICATIONS
Industrial scanners
Test and instrumentation
Cellular infrastructure: 5G millimeter wave
Military radios, radars, electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5703 is a 7-bit digital attenuator with a 31.75dB attenu-
ation range and 0.25dB step size manufactured in a silicon on
insulator (SOI) process.
This device operates from 9kHz to 20GHz with an insertion
loss better than 1.7dB and excellent attenuation accuracy. The
ADRF5703 has RF input power handling capabilities of 27dBm
average and 30dBm peak for all states from the ATTIN pin.
The ADRF5703 operates with a dual-supply voltage +3.3V and
−3.3V. The device can also operate with a single-supply voltage
(VDD) applied while the negative supply voltage (VSS) is tied to
ground. In this operating condition, the small signal performance is
maintained while the switching characteristics, linearity, and power
handling performance are derated, see Table 2.
The device features serial or parallel mode control and complemen-
tary metal-oxide semiconductor (CMOS)-/low voltage transistor to
transistor logic (LVTTL)-compatible controls.
The ADRF5703 comes in a 24-terminal, 4.0mm × 4.0mm, land grid
array (LGA) package and can operate from −40°C to +105°C.


Similar Part No. - ADRF5703BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5700 AD-ADRF5700 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5700BCCZN AD-ADRF5700BCCZN Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5700BCCZN-R7 AD-ADRF5700BCCZN-R7 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5702 AD-ADRF5702 Datasheet
2Mb / 27P
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
ADRF5702BCCZN AD-ADRF5702BCCZN Datasheet
2Mb / 27P
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
More results

Similar Description - ADRF5703BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TAD5009 SPECTRUM-TAD5009 Datasheet
89Kb / 1P
7 Bit Digital Attenuator
TAD5010 SPECTRUM-TAD5010 Datasheet
582Kb / 1P
7 Bit Digital Attenuator
logo
Hittite Microwave Corpo...
HMC759LP3E HITTITE-HMC759LP3E Datasheet
471Kb / 8P
0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
HMC759LP3E HITTITE-HMC759LP3E_10 Datasheet
826Kb / 8P
0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
logo
Analog Devices
HMC1122 AD-HMC1122 Datasheet
612Kb / 15P
0.1 GHz to 6.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Attenuator
REV. 0
logo
Integrated Device Techn...
F1958 IDT-F1958 Datasheet
4Mb / 26P
7-Bit 0.25dB Digital Step At tenuator
logo
Analog Devices
ADRF5720 AD-ADRF5720 Datasheet
651Kb / 19P
Silicon Digital Attenuator, 9kHz to 40GHz
7/2018-Revision 0
ADRF5731 AD-ADRF5731 Datasheet
506Kb / 17P
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
9/2018-Revision 0
logo
Renesas Technology Corp
F1958 RENESAS-F1958 Datasheet
18Mb / 27P
7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
logo
Analog Devices
ADRF5740 AD-ADRF5740 Datasheet
325Kb / 13P
2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
6/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com