Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5703BCCZN-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF5703BCCZN-R7
Description  Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5703BCCZN-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF5703BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 16Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 17Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 18Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Data Sheet
ADRF5703
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 18 of 19
The ADRF5703 has two power supply pins (VDD and VSS) and
nine control pins (PS, LE, D0 to D6). Figure 38 shows the external
components and connections for the supply and control pins. The
supply pins (VDD and VSS) are decoupled with 0.1μF multilayer
ceramic capacitor. Place the decoupling capacitor as close as
possible to the ADRF5703. The device pinout allows the placement
of the decoupling capacitors close to the ADRF5703. No other
external components are required for bias and operation, except
DC blocking capacitors on the RF pins (ATTIN and ATTOUT) when
the RF lines are biased at a voltage different than 0V. Refer to
Pin Configuration and Function Descriptions section for additional
information.
Figure 38. Simplified Application Circuit
RECOMMENDATIONS FOR PCB DESIGN
The RF ports are matched to 50Ω internally, and the pinout is
designed to mate a coplanar waveguide (CPWG) with a 50Ω char-
acteristic impedance on the PCB. Figure 39 shows the referenced
CPWG RF trace design for an RF substrate with an 8mil thick
Rogers RO4003 dielectric material. The RF trace with a 14mil width
and a 7mil clearance is recommended for 1.5mil finished copper
thickness.
Figure 39. Example PCB Stackup
Figure 40 shows the routing of the RF traces, supply, and control
signals from the ADRF5703. The ground planes are connected with
as many filled through vias as allowed for optimal RF and thermal
performance. The primary thermal path for the device is the bottom
side.
Figure 40. PCB Routings
Figure 41 shows the recommended layout from the ATTIN and ATT-
OUT pins of the ADRF5703 to the 50Ω CPWG on the referenced
stackup. PCB pads are drawn 1:1 to device pads. The ground pads
are drawn solder mask defined, and the signal pads are drawn as
pad defined. The RF trace from the PCB pad is extended to the
device edge and tapered to the RF trace with a 45° angle. The
paste mask is also designed to match the pad without any aperture
reduction and is divided into multiple openings for the paddle.
Figure 41. Recommended ATTIN Pin and ATTOUT Pin Transitions
For alternate PCB stackups with different dielectric thickness and
CPWG design, contact Analog Devices, Inc., Technical Support
Request for further recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com