Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5703BCCZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5703BCCZN-R7
Description  Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5703BCCZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5703BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 16Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 17Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Data Sheet
ADRF5703
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 14 of 19
INPUT POWER COMPRESSION AND THIRD-ORDER INTERCEPT
VDD = +3.3V, VSS= −3.3V, VCTRL = 0V or 3.3V, TCASE = 25°C, and a 50Ω system, unless otherwise noted.
Figure 30. Input P0.1dB vs. Frequency for Major Attenuation States
Figure 31. Input IP3 vs. Frequency for Major Attenuation States
Figure 32. Input P0.1dB vs. Frequency for Major Attenuation States, Low
Frequency Detail
Figure 33. Input IP3 vs. Frequency for Major Attenuation States, Low
Frequency Detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com