Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5703BCCZN-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5703BCCZN-R7
Description  Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5703BCCZN-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5703BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet
ADRF5703
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 8 of 19
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
D6/CLK
Parallel Control Input for 16dB Attenuator Bit. Serial Clock Input (CLK). See the Theory of Operation section for more information.
See Figure 7 for the interface schematic.
2
LE
Latch Enable Input. See the Theory of Operation section for more information. See Figure 7 for the interface schematic.
3
PS
Parallel or Serial Control Interface Selection Input. See the Theory of Operation section for more information. See Figure 7 for the
interface schematic.
4, 6 to 13, 15, 16
GND
Ground. The GND pins must be connected to the RF and DC ground of the PCB.
5
ATTIN
Attenuator Input. No DC blocking capacitor is necessary when the RF line potential is equal to 0V DC. See Figure 4 for the interface
schematic.
14
ATTOUT
Attenuator Output. No DC blocking capacitor is necessary when the RF line potential is equal to 0V DC. See Figure 4 for the
interface schematic.
17
VSS
Negative Supply Input. See Figure 9 for the interface schematic.
18
VDD
Positive Supply Input. See Figure 8 for the interface schematic.
19
D0
Parallel Control Input for 0.25dB Attenuator Bit. See the Theory of Operation section for more information. See Figure 5 for the
interface schematic.
20
D1
Parallel Control Input for 0.5dB Attenuator Bit. See the Theory of Operation section for more information. See Figure 5 for the
interface schematic.
21
D2
Parallel Control Input for 1.0dB Attenuator Bit. See the Theory of Operation section for more information. See Figure 5 for the
interface schematic.
22
D3
Parallel Control Input for 2dB Attenuator Bit. See the Theory of Operation section for more information. See Figure 5 for the interface
schematic.
23
D4/SEROUT
Parallel Control Input for 4dB Attenuator Bit. Serial Data Output (SEROUT). See the Theory of Operation section for more
information. See Figure 6 for the interface schematic.
24
D5/SERIN
Parallel Control Input for 8dB Attenuator Bit. Serial Data Input (SERIN). See the Theory of Operation section for more information.
See Figure 7 for the interface schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com