Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5703BCCZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF5703BCCZN-R7
Description  Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5703BCCZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF5703BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 16Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 17Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 18Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
ADRF5703
THEORY OF OPERATION
analog.com
Rev. 0 | 15 of 19
The ADRF5703 incorporates a 7-bit fixed attenuator array that of-
fers an attenuation range of 31.75dB in 0.25dB steps. An integrated
driver provides serial or parallel mode control of the attenuator
array.
The ADRF5703 has nine digital control inputs, D0 (LSB) to D6
(MSB), LE, and PS. To select the desired attenuation state in serial
or parallel mode, refer to Table 8 and Table 9. For the timing
diagrams, see Figure 35, Figure 36, and Figure 37.
POWER SUPPLY
The ADRF5703 requires a positive supply voltage applied to the
VDD pin and a negative supply applied to the VSS pin. Bypassing
capacitors are recommended on the supply line to filter high fre-
quency noise.
The power-up sequence is as follows:
1. Connect GND to ground.
2. Power up VDD and VSS. Power up VSS after VDD to avoid
current transients on VDD during ramp up.
3. Power up the digital control inputs. The order of the digital
control inputs is not important. However, powering the digital
control inputs before the VDD voltage supply can inadvertently
forward bias and damage the internal ESD structures. To avoid
this damage, use a series 1kΩ resistor to limit the current
flowing into the digital control input pins in such cases.
4. Apply an RF input signal to ATTIN or ATTOUT.
The power-down sequence is the reverse order of the power-up
sequence.
Power-Up State
The ADRF5703 has internal power-on reset circuitry that sets the
attenuator to the maximum attenuation state (31.75dB) when VDD
is applied.
SINGLE-SUPPLY OPERATION
The ADRF5703 can operate with a single positive supply voltage
applied to the VDD pin and the VSS pin connected to ground. In
single-supply operation, the switching characteristics, linearity, and
power handling performance are derated, see Table 2 for additional
information.
RF INPUT AND OUTPUT
Both RF ports (ATTIN and ATTOUT) are DC-coupled to 0V. No DC
blocking is required at the RF ports when the RF line potential is
equal to 0V.
The power handling is defined by the ATTIN port. Refer to the RF
input power specifications in Table 1.
Table 8. Truth Table
Digital Control Input1
Attenuation State (dB)
D6
D5
D4
D3
D2
D1
D0
Low
Low
Low
Low
Low
Low
Low
0 (reference)
Low
Low
Low
Low
Low
Low
High
0.25
Low
Low
Low
Low
Low
High
Low
0.5
Low
Low
Low
Low
High
Low
Low
1.0
Low
Low
Low
High
Low
Low
Low
2.0
Low
Low
High
Low
Low
Low
Low
4.0
Low
High
Low
Low
Low
Low
Low
8.0
High
Low
Low
Low
Low
Low
Low
16.0
High
High
High
High
High
High
High
31.75
1 Any combination of the attenuation states within this table provides an attenuation equal to the sum of bits selected.
Figure 34. Simplified Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com