Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5703BCCZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5703BCCZN-R7
Description  Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5703BCCZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5703BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Data Sheet
ADRF5703
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 19
SINGLE-SUPPLY OPERATION
VDD = 3.3V, VSS = 0V, VCTRL = 0V or 3.3V, TCASE = 25°C, and 50Ω system, unless otherwise noted. VCTRL is the voltages of the digital control
input pins.
The small signal and bias specifications are maintained for the single-supply operation.
Table 2. Single-Supply Operation Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.009
20000
MHz
SWITCHING CHARACTERISTICS
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RFOUT
1.7
μs
On Time and Off Time
tON, tOFF
50% VCTRL to 90% of RFOUT
1.7
μs
0.1dB Settling Time
50% VCTRL to 0.1dB of final RFOUT
2
μs
0.05dB Settling Time
50% VCTRL to 0.05dB of final RFOUT
2.1
μs
INPUT LINEARITY
3MHz to 18GHz
0.1dB Power Compression
P0.1dB
20
dBm
Third-Order Intercept
IP3
Two-tone PIN = 22dBm per tone, Δf = 1 MHz
43
dBm
SUPPLY CURRENT
Positive Supply Current
IDD
0.55
mA
RECOMMENDED OPERATING CONDITIONS
RF Power Handling
f = 3MHz to 18GHz, TCASE = 85°C
Input at ATTIN
Average
20
dBm
Peak
20
dBm
How Switching
20
dBm
Input at ATTOUT
Average
20
dBm
Peak
20
dBm
Hot Switching
20
dBm
Case Temperature
TCASE
−40
+105
°C
TIMING SPECIFICATIONS
See Figure 35, Figure 36, and Figure 37 for the timing diagrams.
Table 3. Timing Specifications
Parameter
Description
Min
Typ
Max
Unit
tSCK
Serial period, see the Serial Mode Interface section
20
ns
tCS
Control setup time, see the Serial Mode Interface section
3
ns
tCH
Control hold time, see the Serial Mode Interface section
3
ns
tLN
LE setup time, see the Serial Mode Interface section
3
ns
tLEW
LE pulse width, see the Serial Mode Interface section and the Latched Parallel Mode section
5
ns
tLES
LE pulse spacing, see the Serial Mode Interface section
150
ns
tCKN
Serial clock hold time from LE, see the Serial Mode Interface section
3
ns
tPH
Hold time, see the Latched Parallel Mode section
3
ns
tPS
Setup time, the Latched Parallel Mode section
5
ns
tCO
Clock to output (SEROUT) time, see the Serial Mode Interface section
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com