Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5703BCCZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5703BCCZN-R7
Description  Silicon Digital Attenuator, 0.25dB LSB, 7-Bit, 9kHz to 20GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5703BCCZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5703BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5703BCCZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Data Sheet
ADRF5703
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 6 of 19
Table 4. Absolute Maximum Ratings
Parameter
Rating
Positive Supply Voltage
−0.3V to +3.6V
Negative Supply Voltage
−3.6V to +0.3V
Digital Control Inputs
Voltage
−0.3V to VDD +0.3V
Current
3mA
RF Power1 (f = 3MHz to 20GHz, TCASE = 85°C2)
Dual Supply (VDD = 3.3V, VSS = −3.3V)
Input at ATTIN
Average
27.5dBm
Peak
30.5dBm
Hot Switching
27.5dBm
Input at ATTOUT
Average
24.5dBm
Peak
27.5dBm
Hot Switching
24.5dBm
Single Supply (VDD = 3.3V, VSS = 0V)
Input at ATTIN
Average
20.5dBm
Peak
20.5dBm
Hot Switching
20.5dBm
Input at ATTOUT
Average
20.5dBm
Peak
20.5dBm
Hot Switching
20.5dBm
Unbiased (VDD and VSS = 0V, Input at ATTIN
and ATTOUT)
27dBm
Temperature
Junction (TJ)
135°C
Storage
−65°C to 150°C
Reflow
260°C
1 For RF power handling derating over the extended frequency range, see
Figure 2.
2 For TCASE = 105°C operation, the RF power handling derates from the TCASE =
85°C specifications by 3dB.
Stresses at or above those listed under absolute maximum ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the junction to case bottom (channel to carrier bottom)
thermal resistance.
Table 5. Thermal Resistance
Package Type
θJC
Unit
CC-24-20
100
°C/W
POWER DERATING CURVE
Figure 2. Power Derating vs. Frequency, Low Frequency Detail, TCASE = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com