Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-24-21SN-059 Datasheet(PDF) 151 Page - TE Connectivity Ltd

Part # HDB36-24-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21SN-059 Datasheet(HTML) 151 Page - TE Connectivity Ltd

Back Button HDB36-24-21SN-059 Datasheet HTML 147Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 148Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 149Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 150Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 151Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 152Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 153Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 154Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 155Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 151
DEUTSCH MODIFICATION LIST
MOD #
SERIES
DESCRIPTION
C
C003
HDN
Standard cavity marking identification
C008
DT
Cavity blocked (C)
C012
HD30
Cavities blocked (J, P)
C015
DT, DTP
Reduced diameter seals (E seal)
C016
HD10
Cavities blocked (H, J) - HD10 Series 9 way
C017
DT, DTM,
DTP
Solid rear grommet
C018
HD30
Cavities blocked (11, 18, 19), N/E seal options
C019
HD30
Cavities blocked (1, 2, 8, 9), N/E seal options
C020
HD30
Cavities blocked (A, D), N/E seal options
C021
HD30
Cavities blocked (A, B, C, D)
C022
HD30
Cavities blocked (A, D, J, M), with reduced diameter seals (E seal)
C024
HD10
Cavities blocked (B, C, D)
C026
DRC
Cavities blocked, 50 way
C030
HD30,
HDP20
Four size 16 cavities blocked (1, 2, 5, 6)
C038
HD30,
HDP20
Three size 4, four size 16, requires special size 4 AWG contacts
C041
HDP20
Receptacle with diagnostic keying
CE
CE01
DT
Reduced diameter seals (E seal), end cap
CE02
DT, DTP
Reduced diameter seals (E seal), black
CE03
DT
Reduced diameter seals (E seal), end cap, black
CE04
DT
Reduced diameter seals (E seal), shrink boot adapter
CE05
DT
Plug with reduced diameter seals (E seal), enhanced seal retention (P012), end cap
CE06
DT
Plug with reduced diameter seals (E seal), enhanced seal retention (P012)
CE07
DT
Receptacle with extended shell and enhanced keys (B016), reduced diameter seals (E seal), end cap
CE08
DT
Receptacle with extended shell and enhanced keys (B016), reduced diameter seals (E seal)
CE09
DT
Reduced diameter seals (E seal), shrink boot adapter, black
CE10
DT
Plug with reduced diameter seals (E seal), enhanced seal retention (P012), black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com